Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 6Page - Analog Devices AD9925BBCZ Datasheet HTML 7Page - Analog Devices AD9925BBCZ Datasheet HTML 8Page - Analog Devices AD9925BBCZ Datasheet HTML 9Page - Analog Devices AD9925BBCZ Datasheet HTML 10Page - Analog Devices AD9925BBCZ Datasheet HTML 11Page - Analog Devices AD9925BBCZ Datasheet HTML 12Page - Analog Devices AD9925BBCZ Datasheet HTML 13Page - Analog Devices AD9925BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
AD9925
Rev. A | Page 10 of 96
Pin No.
Mnemonic
Type1
Description2
F9
HD
DIO
Horizontal Sync Pulse (Input in Slave Mode, Output in Master Mode)
F10
DVSS
P
Digital Ground
F11
DVDD
ower Supply
P
Digital Logic P
E9
V5B
VO3
CCD Vertical Transfer Clock
D9
V5A
VO3
CCD Vertical Transfer Clock
E10
DCLK
DO
Data Clock Output
D11
D0
DO
Data Output (LSB)
C10
D1
DO
Data Output
C11
D2
DO
Data Output
B10
D3
DO
Data Output
B11
D4
DO
Data Output
A10
D5
DO
Data Output
A9
D6
DO
Data Output
C9
V3B
VO3
ck
CCD Vertical Transfer Clo
B9
V3A
3
lock
VO
CCD Vertical Transfer C
B8
V1
VO3
CCD Vertical Transfer Clock
A8
D7
DO
Data Output
B7
D8
DO
Data Output
A7
D9
DO
Data Output
B6
D10
DO
Data Output
A6
D11
DO
Data Output (MSB)
C8
VM1
P
V-Driver Mid Supply 1
C7
VH1
P
V-Driver High Supply 1
C6
VL
P
V-Driver Low Supply
C5
DRVDD
P
Data Output Driver Supply
B5
DRVSS
P
Data Output Driver Ground
A5
VSUB
DO
CCD Substrate Bias
A4
VDVDD
P
V-Driver Logic Supply
B4
VDVSS
P
V-Driver Logic Ground
A1, A2, A3
NC
Not Internally Connected
B1, B2, B3
NC
Not Internally Connected
C1, C
NC
Not Internally Connected
2, C3
C4, D1, D2
NC
Not Internally Connected
D3, E2, E3
NC
Not Internally Connected
D10, E11
NC
Not Internally Connected
L1, L11, A11
NC
Not Internally Connected
1 AI = Analog Input; AO = Analog Output; DI = Digital Input; DO = Digital Output; DIO = Digital Input/Output; P = Power; VO2 = V-Driver Output 2-Level; VO3 = V-Driver
Output 3-Level.
2 See Figure 73 for circuit configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com