Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 48Page - Analog Devices AD9925BBCZ Datasheet HTML 49Page - Analog Devices AD9925BBCZ Datasheet HTML 50Page - Analog Devices AD9925BBCZ Datasheet HTML 51Page - Analog Devices AD9925BBCZ Datasheet HTML 52Page - Analog Devices AD9925BBCZ Datasheet HTML 53Page - Analog Devices AD9925BBCZ Datasheet HTML 54Page - Analog Devices AD9925BBCZ Datasheet HTML 55Page - Analog Devices AD9925BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
AD9925
Rev. A | Page 52 of 96
POWER
SUPPLIES
SERIAL
WRITES
VD
(OUTPUT)
1H
1ST FIELD
SYNC
(INPUT)
DIGITAL
OUTPUTS
CLOCKS ACTIVE WHEN OUT_CONTROL
REGISTER IS UPDATED AT VD/HD EDGE
H1/H3, RG, DCLK
H2/H4
CLI
(INPUT)
HD
(OUTPUT)
1V
tSYNC
0V
VH1 = VH2 = 15
VDVDD = DVDD = DR
VDD = RGVDD = TCVDD = A
VL = –7.5V
.0V
VDD = H
VDD = 3V
12
10
9
8
6
5
2
14
11
7
3
Figure 67. Recommended Power-Up Sequence and Synchronization, Master Mode
Recommended Power-Up Sequence for Master Mode
When the AD9925 is powered up, the following sequence is
recommended (refer to Figure 67 for each step). Note that a
SYNC signal is required for master mode operation. If an exter-
nal SYNC pulse is not available, it is also possible to generate an
internal SYNC pulse by writing to the SYNCPOL register, as
described in the next section.
1.
Turn on power supplies for the AD9925 and apply master
clock CLI.
2.
Reset the internal AD9925 registers by writing a 1 to the
SW_RESET register (Addr 0x10 in Bank 1).
3.
Write to the standby mode polarity registers 0x0A to 0x0D
to set the proper polarities for the V-driver inputs, in order
to avoid damage to the CCD. See Table 35 for settings.
4.
The V-driver supplies, VH and VL, can then be powered up
anytime after completing Step 3 to set the proper polarities.
5.
By default, the AD9925 is in standby 3 mode. To place the
part into normal power operation, write 0x004 to the AFE
OPRMODE register (Addr 0x00 in Bank 1).
6.
Write a 1 to the BANKSELECT register (Addr 0×7F)). This
will select Register Bank 2. Load Bank 2 registers with the
required VPAT group, vertical sequence, and field timing
information.
7.
Write a 0 to the BANKSELECT register to select Bank 1.
8.
By default, the internal timing core is held in a reset state
with TGCORE_RSTB register = 0. Write a 1 to the
TGCORE_RSTB register (Addr 0x15 in Bank 1) to start the
internal timing core operation. Note: If a 2x clock is used
for the CLI input, the CLIDIVIDE register (Addr 0x30)
should be set to 1 before resetting the timing core.
9.
Load the required registers to configure the high speed
timing, horizontal timing, and shutter timing information.
10. Configure the AD9925 for master mode timing by writing
a 1 to the MASTER register (Addr 0x20 in Bank 1).
11. Write a 1 to the OUT_CONTROL register (Addr 0x11 in
Bank 1).This will allow the outputs to become active after
the next SYNC rising edge.
12. Generate a SYNC event: If SYNC is high at power-up,
bring the SYNC input low for a minimum of 100 ns. Then
bring SYNC back to high. This will cause the internal
counters to reset and will start the VD/HD operation. The
first VD/HD edge allows most Bank 1 register updates to
occur, including OUT_CONTROL to enable all outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com