Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 75Page - Analog Devices AD9925BBCZ Datasheet HTML 76Page - Analog Devices AD9925BBCZ Datasheet HTML 77Page - Analog Devices AD9925BBCZ Datasheet HTML 78Page - Analog Devices AD9925BBCZ Datasheet HTML 79Page - Analog Devices AD9925BBCZ Datasheet HTML 80Page - Analog Devices AD9925BBCZ Datasheet HTML 81Page - Analog Devices AD9925BBCZ Datasheet HTML 82Page - Analog Devices AD9925BBCZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
AD9925
Rev. A | Page 79 of 96
Table 64. Vertical Sequence 6 (VSEQ6) Register Map
Address
Data Bit Content
Default Value
Register Name
Register Description
B0
[1:0]
[2]
[3]
[7:4]
[9:8]
[11:10]
[12]
[23:12]
X
X
X
X
X
X
X
HBLKMASK_6
CLPOBPOL_6
PBLKPOL_6
VPATSEL_6
VMASK_6
HBLKALT_6
HDLEN13_6
UNUSED
Masking Polarity during HBLK. H1 [0], H3 [1].
CLPOB Start Polarity.
PBLK Start Polarity.
Selected Vertical Pattern Group for Vertical Sequence 6.
Enable Masking of Vertical outputs (specified by FREEZE/RESUME
registers).
Enable HBLK Alternation.
13th Bit for HD Length Counter Allows HD Length up to 8191 Pixels.
Unused.
B1
[11:0]
[23:12]
X
X
VPATREPO_6 V
PATREPE_6
Number of Selected Vertical Pattern Group Repetitions for Odd Lines.
Number of Selected Vertical Pattern Group Repetitions for Even Lines.
B2
[11:0]
[23:12]
X
X
VPATSTART_6
HDLEN_6
Start Position in the Line for the Selected Vertical Pattern Group.
HD Line Length (Number of Pixels) for Vertical Sequence 6.
B3
[11:0]
[23:12]
X
X
PBLKTOG1_6
PBLKTOG2_6
PBLK Toggle Position 1 for Vertical Sequence 6.
PBLK Toggle Position 2 for Vertical Sequence 6.
B4
[11:0]
[23:12]
X
X
HBLKTOG1_6
HBLKTOG2_6
HBLK Toggle Position 1 for Vertical Sequence 6.
HBLK Toggle Position 2 for Vertical Sequence 6.
B5
[11:0]
[23:12]
X
X
HBLKTOG3_6
HBLKTOG4_6
HBLK Toggle Position 3 for Vertical Sequence 6.
HBLK Toggle Position 4 for Vertical Sequence 6.
B6
[11:0]
[23:12]
X
X
HBLKTOG5_6
HBLKTOG6_6
HBLK Toggle Position 5 for Vertical Sequence 6.
HBLK Toggle Position 6 for Vertical Sequence 6.
B7
[11:0]
[23:12]
X
X
CLPOBTOG1_6
CLPOBTOG2_6
CLPOB Toggle Position 1 for Vertical Sequence 6.
CLPOB Toggle Position 2 for Vertical Sequence 6.
Table 65. Vertical Sequence 7 (VSEQ7) Register Map
Address
Data Bit Content
Default Value
Register Name
Register Description
B8
[1:0]
[2]
[3]
[7:4]
[9:8]
[11:10]
[12]
[23:12]
X
X
X
X
X
X
X
HBLKMASK_7
CLPOBPOL_7
PBLKPOL_7
VPATSEL_7
VMASK_7
HBLKALT_7
HDLEN13_7
UNUSED
Masking Polarity during HBLK. H1 [0], H3 [1].
CLPOB Start Polarity.
PBLK Start Polarity.
Selected Vertical Pattern Group for Vertical Sequence 7.
Enable Masking of Vertical Outputs (Specified by FREEZE/RESUME Registers).
Enable HBLK Alternation.
13th Bit for HD Length Counter Allows HD Length up to 8191 Pixels.
Unused.
B9
[11:0]
[23:12]
X
X
VPATREPO_7
VPATREPE_7
Number of Selected Vertical Pattern Group Repetitions for Odd Lines.
Number of Selected Vertical Pattern Group Repetitions for Even Lines.
BA
[11:0]
[23:12]
X
X
VPATSTART_7
HDLEN_7
Start Position in the Line for the Selected Vertical Pattern Group.
HD Line Length (Number of Pixels) for Vertical Sequence 7.
BB
[11:0]
[23:12]
X
X
PBLKTOG1_7
PBLKTOG2_7
PBLK Toggle Position 1 for Vertical Sequence 7.
PBLK Toggle Position 2 for Vertical Sequence 7.
BC
[11:0]
[23:12]
X
X
HBLKTOG1_7
HBLKTOG2_7
HBLK Toggle Position 1 for Vertical Sequence 7.
HBLK Toggle Position 2 for Vertical Sequence 7.
BD
[11:0]
[23:12]
X
X
HBLKTOG3_7
HBLKTOG4_7
HBLK Toggle Position 3 for Vertical Sequence 7.
HBLK Toggle Position 4 for Vertical Sequence 7.
BE
[11:0]
[23:12]
X
X
HBLKTOG5_7
HBLKTOG6_7
HBLK Toggle Position 5 for Vertical Sequence 7.
HBLK Toggle Position 6 for Vertical Sequence 7.
BF
[11:0]
[23:12]
X
X
CLPOBTOG1_7
CLPOBTOG2_7
CLPOB Toggle Position 1 for Vertical Sequence 7.
CLPOB Toggle Position 2 for Vertical Sequence 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com