Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 2Page - Analog Devices AD9925BBCZ Datasheet HTML 3Page - Analog Devices AD9925BBCZ Datasheet HTML 4Page - Analog Devices AD9925BBCZ Datasheet HTML 5Page - Analog Devices AD9925BBCZ Datasheet HTML 6Page - Analog Devices AD9925BBCZ Datasheet HTML 7Page - Analog Devices AD9925BBCZ Datasheet HTML 8Page - Analog Devices AD9925BBCZ Datasheet HTML 9Page - Analog Devices AD9925BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
AD9925
Rev. A | Page 6 of 96
ANALOG SPECIFICATIONS
AVDD1 = 3.0 V, fCLI = 36 MHz, typical timing specifications, TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CDS
Input Characteristics Definition.1
Allowable CCD Reset Transient
500
mV
Maximum Input Range before Saturation
0 dB CDS Gain (Default Setting)
1.0
V p-p
−2 dB CDS Gain
1.25
V p-p
−4 dB CDS Gain
1.6
V p-p
Maximum CCD Black Pixel Amplitude
+200/–100
mV
Positive Offset Definition1
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Minimum Gain (VGA Code 0)
6
dB
Maximum Gain (VGA Code 1023)
42
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC Output.
Minimum Clamp Level (Code 0)
0
LSB
Maximum Clamp Level (Code 255)
255
LSB
ANALOG-TO-DIGITAL CONVERTER (ADC)
Resolution
12
Bits
Differential Nonlinearity (DNL)
–1.0
±0.5
+1.0
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Includes Entire Signal Chain.
Gain Accuracy
Low Gain (VGA Code 0)
5.0
5.5
6.0
dB
Gain = (0.0351 × Code) + 5.5 dB.
Maximum Gain (VGA Code 1023)
40.5
41.5
42.5
dB
Peak Nonlinearity, 500 mV Input Signal
0.1
%
12 dB Gain Applied.
Total Output Noise
0.8
LSB rms
AC Grounded Input, 6 dB Gain Ap-
plied.
Power Supply Rejection (PSR)
50
dB
Measured with Step Change on
Supply.
1 Input signal characteristics are defined as
+200mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V MAX
INPUT SIGNAL RANGE
(0dB CDS GAIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com