Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 61Page - Analog Devices AD9925BBCZ Datasheet HTML 62Page - Analog Devices AD9925BBCZ Datasheet HTML 63Page - Analog Devices AD9925BBCZ Datasheet HTML 64Page - Analog Devices AD9925BBCZ Datasheet HTML 65Page - Analog Devices AD9925BBCZ Datasheet HTML 66Page - Analog Devices AD9925BBCZ Datasheet HTML 67Page - Analog Devices AD9925BBCZ Datasheet HTML 68Page - Analog Devices AD9925BBCZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
AD9925
Rev. A | Page 65 of 96
Table 44. Register Map Selection
Address
Data Bit Content
Default Value
Register Name
Register Description
7F
[1:0]
0
BANKSELECT
Register Bank Access for Bank 1, Bank 2, and Bank 3.
0: Bank 1, 1: Bank 2, 2: Bank 3, and 3: Bank 1.
Table 45. AFE Operation Register Detail
ress
t Content
fault Value
Add
Data Bi
De
Name
Description
00
[1:0]
3
PWRDOWN
0: Normal Operation, 1: Standby 1, 2: Standby 2, 3: Standby 3.
[2]
1
CLPENABLE
0: Disable OB Clamp, 1: Enable OB Clamp.
[3]
0
CLPSPEED
0: Select Normal OB Clamp Settling, 1: Select Fast OB Clamp
Settling.
[4]
0
FASTUPDATE
1: Select Temporary Fast Clamping When VGA Gain Is Up-
dated.
[5]
0
PBLK_LVL
DOUT Value during PBLK: 0: Blank to 0, 1: Blank to Clamp
Level.
[7:6]
0
TEST
Test Operation Only. Set to 0.
[8]
0
DCBYP
0: Enable DC Restore Circuit, 1: Bypass DC Restore Circuit dur-
ing PBLK.
[9]
0
TEST
Test Use Only. Set to 0.
[11:10]
0
CDSGAIN
0: 0 dB, 1: 2 dB, 2: 4 dB, and 3: 0 dB.
46. A
trol Registe
etail
ress
t Content
fault Value
Table
FE Con
r D
Add
Data Bi
De
Name
Description
03
[1:0]
0
TEST
Test Use Only. Set to 0.
[2]
1
TEST
Test Use Only. Recommended setting is 0.
[3]
0
DOUTDISABLE
0 = Data Outputs Are Driven,
1 = Data Outputs Are Three-Stated.
[4]
0
DOUTLATCH
0 = Latch Data Outputs with DOUT Phase,
1 = Output Latch Transparent.
[5]
0
GRAYENCODE
0 = Binary Encode Data Outputs,
1 = Gray Encode Data Outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com