Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 12Page - Analog Devices AD9925BBCZ Datasheet HTML 13Page - Analog Devices AD9925BBCZ Datasheet HTML 14Page - Analog Devices AD9925BBCZ Datasheet HTML 15Page - Analog Devices AD9925BBCZ Datasheet HTML 16Page - Analog Devices AD9925BBCZ Datasheet HTML 17Page - Analog Devices AD9925BBCZ Datasheet HTML 18Page - Analog Devices AD9925BBCZ Datasheet HTML 19Page - Analog Devices AD9925BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
AD9925
Rev. A | Page 16 of 96
7. H3 RISING EDGE POSITION AND 8: H3 FALLING EDGE POSITION (H4 I
H1
H2
RG
H3
CCD
SIGNAL
PROGRAMMABLE CLOCK POSITIONS:
1. RG RISING EDGE.
2. RG FALLING EDGE.
3. SHP SAMPLE LOCATION.
4. SHD SAMPLE LOCATION.
H4
3
2
5. H1 RISING EDGE POSITION AND 6: H1 FALLING EDGE POSITION (H2 IS INVERSE OF H1).
S INVERSE OF H3).
4
1
56
78
Figure 18. High Speed Clock Programmable Locations
ws the de
ng locatio
of the high
ck signals.
RG Out
rogra mable timing posi
tpu
vers for the RG
ers are p
erful enough to
CD inputs. The H-driver and RG current can be adjusted for
ptimum rise/fall time with a particular load by using the
RVCONTROL register (Addr x35). The 3-bit drive setting for
each output is adjustable in 4.1 mA increments, with the mini-
mum setting of 0 equal to OFF or three-state and the
etting of 7 equal to 30.1 mA.
20, the H2 and H4
2
ossover voltage is approximately
e output swing. The
ssover voltage is not programm
ta Outputs
x37, Bits [5:0]). Any
s shown in Figure 21.
in phase,
ut-
put phase can also be held fixed with respect to the data outputs
by changing the DCLKMODE register high (Addr x37, Bit [6]).
In this mode, the DCLK output will remain at a fixed phase
equal to CLO (the inverse of CLI), while the data output phase
is still programmable.
There is a fixed output delay from the DCLK rising edge to the
DOUT transition, called tOD. This delay can be programmed to
four values between 0 ns and 12 ns by using the DOUTDELAY
Bits [8:7]). T
.
peline delay through the
Figure 22.
he CCD input is sampled
11 cycle
ntil the data is available.
Table 8. Timing Core Register Parameters for H1, H3, RG, SHP/SHD
arameter
Length
Range
Description
Figure 20 sho
fault timi
ns for all
speed clo
H-Driver and
puts
In addition to the p
u
m
tions, the AD9925
features on-chip o
puts. These driv
t dri
ow
and H1 to H4 out-
directly drive the
C
o
D
maximum
s
As shown in Figure 18, Figure 19, and Figure
inverses of H1 and H3,
outputs are
respectively. The H1/H
cr
50% of th
cro
able.
Digital Da
The AD9925 data output and DCLK phase are programmable
using the DOUTPHASE register (Addr
edge from 0 to 47 may be programmed, a
Normally, the DOUT and DCLK signals will track
based on the DOUTPHASE register contents. The DCLK o
register (Addr x37,
he default value is 8 ns
The pi
AD9925 is shown in
After t
by SHD, there is an
delay u
P
Polarity
1 b
High/Low
Polarity Control for H1, H3, and RG (0 = No Inversion, 1 = Inversion)
Positive Edge
6 b
0 to 47 Edge Location
Positive Edge Location for H1, H3, and RG
Negative Edge
6 b
0 to 47 Edge Location
Negative Edge Location for H1, H3, and RG
Sampling Location
6 b
0 to 47 Edge Location
Sampling Location for Internal SHP and SHD Signals
Drive Strength
3 b
0 to 47 Current Steps
Drive Current for H1 to H4 and RG Outputs (4.1 mA per Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com