Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 65Page - Analog Devices AD9925BBCZ Datasheet HTML 66Page - Analog Devices AD9925BBCZ Datasheet HTML 67Page - Analog Devices AD9925BBCZ Datasheet HTML 68Page - Analog Devices AD9925BBCZ Datasheet HTML 69Page - Analog Devices AD9925BBCZ Datasheet HTML 70Page - Analog Devices AD9925BBCZ Datasheet HTML 71Page - Analog Devices AD9925BBCZ Datasheet HTML 72Page - Analog Devices AD9925BBCZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
AD9925
Rev. A | Page 69 of 96
Table 50. Vertical Pattern Group 3 (VPAT3) Register Map
Address
Data Bit Content
Default Value
Register Name
Register Description
24
[5:0]
[11:6]
[23:12]
X
X
X
VPOL_3
UNUSED
VPATLEN_3
VPAT3 Start Polarity. XV1[0], XV2[1], XV3[2], XV4[3], XV5[4], XV6[5].
Unused.
Total Length of VPAT3. Note: If using VPAT3 as a second vertical
sequence in the VSG active line, this value is the start position for
the second vertical sequence.
25
[11:0]
[23:12]
X
X
XV1TOG1_3
XV1TOG2_3
XV1 Toggle Position 1.
XV1 Toggle Position 2.
26
[11:0]
[23:12]
X
X
XV1TOG3_3
XV2TOG1_3
XV1 Toggle Position 3.
XV2 Toggle Position 1.
27
[11:0]
[23:12]
X
X
XV2TOG2_3
XV2TOG3_3
XV2 Toggle Position 2.
XV2 Toggle Position 3.
28
[11:0]
[23:12]
X
X
XV3TOG1_3
XV3TOG2_3
XV3 Toggle Position 1.
XV3 Toggle Position 2.
29
[11:0]
[23:12]
X
X
XV3TOG3_3
XV4TOG1_3
XV3 Toggle Position 3.
XV4 Toggle Position 1.
2A
[11:0]
[23:12]
X
X
XV4TOG2_3
XV4TOG3_3
XV4 Toggle Position 2.
XV4 Toggle Position 3.
2B
[11:0]
[23:12]
X
X
XV5TOG1_3
XV5TOG2_3
XV5 Toggle Position 1.
XV5 Toggle Position 2.
2C
[11:0]
[23:12]
X
X
XV5TOG3_3
XV6TOG1_3
XV5 Toggle Position 3.
XV6 Toggle Position 1.
2D
[11:0]
[23:12]
X
X
XV6TOG2_3
XV6TOG3_3
XV6 Toggle Position 2.
XV6 Toggle Position 3.
2E
[11:0]
[23:12]
X
X
FREEZE1_3
RESUME1_3
XV1 to XV6 Freeze Position 1.
XV1 to XV6 Resume Position 1.
2F
[11:0]
[23:12]
X
X
FREEZE2_3
RESUME2_3
XV1 to XV6 Freeze Position 2.
XV1 to XV6 Resume Position 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com