Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 56Page - Analog Devices AD9925BBCZ Datasheet HTML 57Page - Analog Devices AD9925BBCZ Datasheet HTML 58Page - Analog Devices AD9925BBCZ Datasheet HTML 59Page - Analog Devices AD9925BBCZ Datasheet HTML 60Page - Analog Devices AD9925BBCZ Datasheet HTML 61Page - Analog Devices AD9925BBCZ Datasheet HTML 62Page - Analog Devices AD9925BBCZ Datasheet HTML 63Page - Analog Devices AD9925BBCZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
AD9925
Rev. A | Page 60 of 96
2, and BANK 3
2
i
dif
anks, r
ed to as Register
nk 1, Register B
ster Ba
. Figure 76 illust
s how the three
ed. Re
ank 1 and Ba
re backward
le
with the AD
gisters. Regi
Bank 1 contain
s-
the
iscellaneous
ctions, VD/HD
ters,
ming core, CLPOB masking, VSG patterns, and shutter func-
information for the
eld i
ster Ba
contains new reg
r accessing
functi
ty. These additio
outputs allow th
5 to
support ne
Ds that requir
-phases of verti
writ
the AD9925, A
0x7F is used to
which addr
k is being writ
. To write to
data value
ritten. To wri
Bank 2, a data
ten. To
o Bank 3, a da
alue of 2 is writ
Note that Register Bank 1 contains many unused addresses.
s between Addr 0x00 and Addr 0x7F are
these addresses
register write opera-
ed addresses above 0x7F must not be
may not operate properly. The excep-
registers 0xE7, 0xEB, and 0xF2 through
0xF6, which may be written as specified on Page 43.
Default values for Register Bank 2 and Bank 3 are undefined after
ate values should be written into these regis-
plications where the
Bank 3 registers should
known values to prevent unpredict-
ver circuit.
Register Address BANK 1, BANK
The AD99 5 address space is d vided into three
ferent regis-
ter b
eferr
Ba
ank 2, and
Regi
nk 3
rate
banks are
divid
gister B
9995 re
nk 2 a
ster
compatib
s the regi
ters for
AFE, m
fun
parame
ti
tions. Register Bank 2 contains all of the
vertical pattern groups, vertical sequences, and fi
nformation.
Regi
nk 3
isters fo
the XV7 and
XV8
onali
wer CC
nal
e 8
e AD992
cal clocking.
When
ing to
ess ban
of 0 is w
ddr
ten to
te to
specify
Bank 1, a
value of 1 is
writ
write t
ta v
ten.
Undefined addresse
considered Don’t Cares, and it is acceptable if
are filled in with all 0s during a continuous
tion. However, the undefin
written to, or the AD9925
tions are the FG_TRIG
power-up. Appropri
ter banks to ensure proper operation. In ap
XV7 and XV8 signals are not used, the
still be programmed with
able behavior in the V-dri
AFE REGISTERS
SWITCH TO
REGISTER BANK 2, BANK 3
REGISTER BANK 1
ADDR 0x00
ADDR
MISCELLANEOUS REGISTERS
VD/HD REGISTERS
TIMING CORE REGISTERS
CLPOB MASK REGISTERS
VSG PATTERN REGISTERS
SHUTTER REGISTERS
ADDR
ADDR 0x20
ADDR 0x30
ADDR 0x40
ADDR 0x50
ADDR 0x60
0x7F
0x10
VPAT0 TO VPAT9 REGISTERS
XV1 TO X
SWI
REGISTER B
REGISTE
ADDR 0x00
VSEQ0 TO VSEQ9 REGISTERS
XV1 TO X
LD 0 TO FI
ADDR 0x7F
ADDR 0x80
ADD
ADD
ADDR 0x7E
ADD
W
ESS 0x7F
ADDR
ADDR 0x8F
FOR
V6 SIGNALS
TCH TO
ANK 1, BANK 3
FOR
V6 SIGNALS
R BANK 2
FIE
R 0xFF
ELD 5 REGISTERS
R 0xD0
R 0xCF
RITE TO ADDR
TO SWITCH REGISTER BANKS
0xFF
INVALID, DO NOT ACCESS
VPAT0 TO VPAT9 REGISTERS
FOR
XV7, XV8 SIGNALS
VSEQ0 TO VSEQ9 REGISTERS
FOR
XV7, XV8 SIGNALS
ADDR 0x77
ADDR 0x50
F
ADDR 0x4F
ADDR 0x7F
REGISTER BANK 3
ADDR 0x00
ADDR 0xF
INVALID, DO NOT ACCESS
SWITCH TO
REGISTER BANK 2, BANK 3
Figure 76.
Regi
Layout of Internal
ster Bank 1, Bank 2, and Bank 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com