Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 7Page - Analog Devices AD9925BBCZ Datasheet HTML 8Page - Analog Devices AD9925BBCZ Datasheet HTML 9Page - Analog Devices AD9925BBCZ Datasheet HTML 10Page - Analog Devices AD9925BBCZ Datasheet HTML 11Page - Analog Devices AD9925BBCZ Datasheet HTML 12Page - Analog Devices AD9925BBCZ Datasheet HTML 13Page - Analog Devices AD9925BBCZ Datasheet HTML 14Page - Analog Devices AD9925BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
AD9925
Rev. A | Page 11 of 96
TERMINOLOGY
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Thus, every
code must have a finite width. No missing codes guaranteed to
12-bit resolution indicates that all 4096 codes, respectively, must
be present over all operating conditions.
Peak Nonlinearity
Peak nonlinearity, a full signal chain specification, refers to the
peak deviation of the output of the AD9925 from a true straight
line. The point used as zero scale occurs 0.5 LSB before the first
code transition. Positive full scale is defined as a Level 1 and is
0.5 LSB beyond the last code transition. The deviation is meas-
ured from the middle of each particular output code to the true
straight line. The error is then expressed as a percentage of the
2 V ADC full-scale signal. The input signal is always appropri-
ately gained up to fill the ADC’s full-scale range.
Total Output Noise
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated
in LSB and represents the rms noise level of the total signal
chain at the specified gain setting. The output noise can be con-
verted to an equivalent voltage, using the relationship 1 LSB =
ADC Full Scale/2n codes, where n is the bit resolution of the
ADC. For the AD9925, 1 LSB is 0.488 mV.
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply
pins. The PSR specification is calculated from the change in the
data outputs for a given step change in the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com