Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 73 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 69Page - Analog Devices AD9925BBCZ Datasheet HTML 70Page - Analog Devices AD9925BBCZ Datasheet HTML 71Page - Analog Devices AD9925BBCZ Datasheet HTML 72Page - Analog Devices AD9925BBCZ Datasheet HTML 73Page - Analog Devices AD9925BBCZ Datasheet HTML 74Page - Analog Devices AD9925BBCZ Datasheet HTML 75Page - Analog Devices AD9925BBCZ Datasheet HTML 76Page - Analog Devices AD9925BBCZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
AD9925
Rev. A | Page 73 of 96
Map
Table 54. Vertical Pattern Group 7 (VPAT7) Register
Address
Data Bit Content
Default Value
Register Name
Register Description
54
[5:0]
[11:6
[23:1
]
2]
4[3], XV5[4], XV6[5].
7. Note: If using VPAT7 as a second vertical
tion for
X
X
X
VPOL_7
UNUSED
VPATLEN_7
VPAT7 Start Polarity. XV1[0], XV2[1], XV3[2], XV
Unused.
Total Length of VPAT
sequence in the VSG active line, this value is the start posi
the second vertical sequence.
55
1:0]
V1TOG1_7
Position 1.
[1
[23:12]
X
X
X
XV1TOG2_7
XV1 Toggle
XV1 Toggle Position 2.
56
X
7
e Position 1.
[11:0]
[23:12]
X
XV1TOG3_7
XV2TOG1_
XV1 Toggle Position 3.
XV2 Toggl
57
[11:0]
[23:12]
X
X
XV2TOG2_7
XV2TOG3_7
XV2 Toggle Position 2.
XV2 Toggle Position 3.
58
[11:0]
[23:12]
X
X
XV3TOG1_7
XV3TOG2_7
XV3 Toggle Position 1.
XV3 Toggle Position 2.
59
[11:0]
[23:12]
X
X
XV3TOG3_7
XV4TOG1_7
XV3 Toggle Position 3.
XV4 Toggle Position 1.
5A
[11:0]
[23:12]
X
X
XV4TOG2_7
XV4TOG3_7
XV4 Toggle Position 2.
XV4 Toggle Position 3.
5B
[11:0]
[23:12]
X
X
XV5TOG1_7
XV5TOG2_7
XV5 Toggle Position 1.
XV5 Toggle Position 2.
5C
[11:0]
[23:12]
X
X
XV5TOG3_7
XV6TOG1_7
XV5 Toggle Position 3.
XV6 Toggle Position 1.
5D
[11:0]
[23:12]
X
X
XV6TOG2_7
XV6TOG3_7
XV6 Toggle Position 2.
XV6 Toggle Position 3.
5E
[23:12]
X
RESUME1_7
XV1 to XV6 Resume Position 1.
[11:0]
X
FREEZE1_7
XV1 to XV6 Freeze Position 1.
5F
[11:0]
X
FREE
[23:12]
X
ZE2_7
XV1 to XV6 Freeze Position 2.
ition 2.
RESUME2_7
XV1 to XV6 Resume Pos



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com