Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 5Page - Analog Devices AD9925BBCZ Datasheet HTML 6Page - Analog Devices AD9925BBCZ Datasheet HTML 7Page - Analog Devices AD9925BBCZ Datasheet HTML 8Page - Analog Devices AD9925BBCZ Datasheet HTML 9Page - Analog Devices AD9925BBCZ Datasheet HTML 10Page - Analog Devices AD9925BBCZ Datasheet HTML 11Page - Analog Devices AD9925BBCZ Datasheet HTML 12Page - Analog Devices AD9925BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
AD9925
Rev. A | Page 9 of 96
TO
(Not to Scale)
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
AD9925
PVIEW
1234567
9 10
8
A1 CORNER
INDEX AREA
E
D
C
B
K
J
H
G
F
L
11
Figure 3. 96-Lead CSPBGA
le 7. Pin Function
criptions
nic
1
Package Pin Configuration
Tab
Des
Pin No.
Mnemo
Type
Description2
E1, F2, F3
und
HVSS
P
H1 to H4, HL Driver Gro
G2, G3
HVSS
P
H1 to H4, HL Driver Ground
F1
H1
DO
CCD Horizontal Clock 1
G1
H2
DO
CCD Horizontal Clock 2
H1, H2, H3
HVDD
P
H1 to H4, HL Driver Supply
J2, J3
HVDD
P
H1 to H4, HL Driver Supply
J1
H3
DO
CCD Horizontal Clock 3
K1
H4
DO
CCD Horizontal Clock 4
K2, L2
RGVSS
P
RG Driver Ground
L3
RG
DO
CCD Reset Gate Clock
L4
RGVDD
P
RG Driver Supply
K3, K4
TCVDD
P
Analog Supply for Timing Core
J4
CLO
DO
Clock Output for Crystal
J5
SYNC
DI
External System Sync Input
K5, L5
TCVSS
P
Analog Ground for Timing Core
J6
CLI
DI
Reference Clock Input
K6, L7
AVSS
P
Analog Ground for AFE
L6
CCDIN
AI
CCD Signal Input
K7
AVDD
P
Analog Supply for AFE
L8
REFT
AO
Voltage Reference Top Bypass
L9
REFB
pass
AO
Voltage Reference Bottom By
J7
MSHUT
DO
Mechanical Shutter Pulse
J8
SUBCK
DO
CCD Substrate Clock (E Shutter)
K8
VL
P
V-Driver Low Supply
K9
VH2
P
V-Driver High Supply 2
L10
RSTB
DI
Reset Bar, Active Low Pulse
K11
SL
DI
3-Wire Serial Load Pulse
J11
SCK
DI
3-Wire Serial Clock
J10
SDI
DI
3-Wire Serial Data Input
J9
V8
VO2
sfer Clock
CCD Vertical Tran
K10
V7
VO2
CCD Vertical Transfer Clock
H9
STROBE
DO
Strobe Pulse
H11
VM2
P
V-Driver Mid Supply 2
H10
V6
VO2
CCD Vertical Transfer Clock
G10
V4
VO2
CCD Vertical Transfer Clock
G11
V2
VO2
CCD Vertical Transfer Clock
G9
VD
DIO
Vertical Sync Pulse (Input in Slave Mode, Output in Master Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com