Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 42Page - Analog Devices AD9925BBCZ Datasheet HTML 43Page - Analog Devices AD9925BBCZ Datasheet HTML 44Page - Analog Devices AD9925BBCZ Datasheet HTML 45Page - Analog Devices AD9925BBCZ Datasheet HTML 46Page - Analog Devices AD9925BBCZ Datasheet HTML 47Page - Analog Devices AD9925BBCZ Datasheet HTML 48Page - Analog Devices AD9925BBCZ Datasheet HTML 49Page - Analog Devices AD9925BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
AD9925
Rev. A | Page 46 of 96
The AD992
rmance ADC architecture, opti-
r high sp
low power. Diff
inearity
NL) performan
is typically better than 0.5 LSB. The ADC
put r
. See Figure 10, Figu
, and Figure 13
typical linearit
nd noise performanc
s for the
9925.
ptical Black Clamp
used to remove residual offsets
in the signa
low frequency variations in the
evel
the optical blac
ixel in-
val on each lin
e ADC output is com
d with a fixed
vel referen
elected by the user
clamp level
ister. The value can be programmed be
n 0 LSB and
LSB in 256 st
esulting error
iltered to
educe noise, and the correction value is applied to the ADC
put through a DAC. Normally, the optical black clamp loop is
e, but this loop can be updated
more slowly
lar application. If external digital
ing is used
he postprocessin
optical
ping m
e disabled using Bit
the OPRMODE
ister. When th
p is disabled, the cla
evel register may
l be used to pr
e programmable off
djustment.
B pulse should be placed durin
e CCD’s optical
lack pixels. It is recommended that the CLPOB pulse duration
pulse widths may be used, but
the ability t
ncy variations in the black level
e reduced. Se
orizontal Clam
ing
tion for timing examples.
The AD9925
ta is latched using the DOUT
E register valu
wn in Figure 55
im-
own in Figu
1 and Figure 22. It is
possible to
ve the output latc
transparent, so that t
ata outputs are
d immediately fr
the ADC. Programm
the AFE
NTROL Register
to a 1 will set th
put latches
ansparent. The data outputs can also be disabled (three stated)
ister Bit D3 to a 1.
The switchin
puts can couple noise back to the
signal path. T
ze any switchi
ec-
mended that the
UT PHASE register
t to the same
e as the SHP sam
g location, or up to
es after the
P sampling locati
ther settings can pr
e good results,
perimentation
ecessary. It is recommended that the
OUT PHASE location not occur between the SHD sampling
cation and 12 edges after the SHD location. For example, if
E should be set to an edge
greater. If adjustable phase is not required for
ta outputs, the output latch
ansparent using
ister 0x03, Bit [4].
The data output coding is normally straight binary, but the
oding may be changed to gray coding by setting the AFE
1.
ADC
5 uses high perfo
mized fo
eed and
erential nonl
(D
ce
uses a 2 V in
ange
re 12
for
y a
e plot
AD
O
The optical black clamp loop is
l chain and to track
CCD’s black l
. During
k (shielded) p
ter
e, th
pare
black le
ce, s
in the
reg
twee
255
eps. The r
signal is f
r
in
turned on once per horizontal lin
to suit a particu
clamp
during t
g, the AD9925
black clam
ay b
D2 in
reg
e loo
mp l
stil
ovid
set a
The CLPO
g th
b
be at least 20 pixels wide. Shorter
o track low freque
will b
e the H
ping and Blank
sec
Digital Data Outputs
digital output da
PHAS
e, as sho
. Output data t
ing is sh
re 2
also
lea
hes
he d
vali
om
ing
CO
Bit D4
e out
tr
by setting the AFE CONTROL Reg
g of the data out
analog
o minimi
ng noise, it is r
om
DO
be se
edg
plin
12 edg
SH
on. O
oduc
but ex
is n
D
lo
SHDLOC = 0, then DOUT PHAS
location of 12 or
the da
can be left tr
reg
c
CONTROL Register Bit D5 to a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com