Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 16Page - Analog Devices AD9925BBCZ Datasheet HTML 17Page - Analog Devices AD9925BBCZ Datasheet HTML 18Page - Analog Devices AD9925BBCZ Datasheet HTML 19Page - Analog Devices AD9925BBCZ Datasheet HTML 20Page - Analog Devices AD9925BBCZ Datasheet HTML 21Page - Analog Devices AD9925BBCZ Datasheet HTML 22Page - Analog Devices AD9925BBCZ Datasheet HTML 23Page - Analog Devices AD9925BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
AD9925
Rev. A | Page 20 of 96
Table 11. HBLK Pattern Registers
Register
Length
Range
Description
HBLKMASK
1 b
High/Low
Masking Polarity for H1/H3 (0 = H1/H3 Low, 1 = H1/H3 High).
H3HBLKOFF
1 b
High/Low
Addr 0xE7, Bit [6]. Set = 1 to keep H3/H4 active during HBLK pulse. Normal set to 0.
HBLKALT
2 b
0 to 3 Alternation Mode
Enables Odd/Even A
0 = Disable Alternat
G1 to TOG2 O
G1to TOG
lternation of HBLK Toggle Positions.
ion.
1 = TO
2 = 3 = TO
dd, TOG3 to TOG6 Even.
2 Even, TOG3 to TOG6 Odd.
HBLKTOG1
12 b
0 to 4095 Pixel Location
First Toggle Position within Line for Each Vertical Sequence 0 to 9.
HBLKTOG2
12 b
0 to 4095 Pixel Location
Second Toggle Position within Line for Each Vertical Sequence 0 to 9.
HBLKTOG3
12 b
0 to 4095 Pixel Location
Third Toggle Position within Line for Each Vertical Sequence 0 to 9.
HBLKTOG4
12 b
0 to 4095 Pixel Location
Fourth Toggle Posit
ch Vertical Sequence 0 to 9.
ion within Line for Ea
HBLKTOG5
12 b
0 to 4095 Pixel Location
Fifth Toggle Position within Line for Each Vertical Sequence 0 to 9.
HBLKTOG6
12 b
0 to 4095 Pixel Location
Sixth Toggle Position within Line for Each Vertical Sequence 0 to 9.
Generating S
B
pecial H LK Patterns
t
posit
le
only two of the toggle positions are use
dard HBLK interval. However, the addi
may be used to generate special HBLK
Figure 26. The pattern in this example
tions to generate two extra groups of pu
interval. By changing the toggle positio
atterns can
be created.
n to the HBLKALT register, TOG1
s
used on odd lines. See the Vertical
Timing Generation section for more information.
There are six oggle
ions availab for HBLK. Normally,
d to generate the stan-
tional toggle positions
patterns, as shown in
uses all six toggle posi-
lses during the HBLK
ns, different p
Generating HBLK Line Alternation
One further feature of the AD9925 is the ability to alternate dif-
ferent HBLK toggle positions on odd and even lines. This may be
used in conjunction with vertical pattern odd/even alternation or
on its own. When a 1 is writte
and TOG2 are used on odd lines, while TOG3 to TOG6 are
used on even lines. Writing a 2 to the HBLKALT register give
the opposite result: TOG1 and TOG2 are used on even lines,
while TOG3 to TOG6 are
HD
HBLK
PROGRAMMABLE SETTINGS:
1. FIRST TOGGLE POSITION = START OF BLANKING.
2. SECOND TOGGLE POSITION = END OF BLANKING.
BLANK
BLANK
12
Figure 24. Horizontal Blanking (HBLK) Pulse Placement
HD
HBLK
NOTE
1. THE POLARITY OF H1 DURING BLANKING IS PROGRAMMABLE (H2 IS OPPOSITE POLARITY OF H1).
H1/H3
H1/H3
H2/H4
Figure 25. HBLK Masking Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com