Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 59Page - Analog Devices AD9925BBCZ Datasheet HTML 60Page - Analog Devices AD9925BBCZ Datasheet HTML 61Page - Analog Devices AD9925BBCZ Datasheet HTML 62Page - Analog Devices AD9925BBCZ Datasheet HTML 63Page - Analog Devices AD9925BBCZ Datasheet HTML 64Page - Analog Devices AD9925BBCZ Datasheet HTML 65Page - Analog Devices AD9925BBCZ Datasheet HTML 66Page - Analog Devices AD9925BBCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
AD9925
Rev. A | Page 63 of 96
Register Description
Table 39. VD/HD Register Map
Address
Data Bit Content
Default Value
Register Name
20
[0]
0
MASTER
VD/HD Master or Slave Timing (0 = Slave Mode).
21
[0]
0
VDHDPOL
VD/HD Active Polarity. 0 = Low and 1 = High.
22
[11:0]
0
HDRISE
[17:12]
0
VDRISE
Rising Edge Location for HD.
r VD.
Rising Edge Location fo
23
[11:0]
0
SCP0
SCP0. Used for All Fields.
Table 40. Timing Core Register Map
Address
Data Bit Content
Default Value
Register Name
Register Description
30
[0]
0
CLIDIVIDE
Divide CLI Input Clock by 2. 1 = Divide by 2.
31
[0]
[6:1]
[12:7]
1
0
20
H1POL
H1POSLOC
H1NEGLOC
H1 Polarity. 0: Inversion, 1: No Inversion.
H1 Positive Edge Location.
H1 Negative Edge Location.
32
[0]
[6:1]
[12:7]
1
0
20
H3POL
H3POSLOC
H3NEGLOC
H3 Polarity. 0: Inversion, 1: No Inversion.
H3 Positive Edge Location.
H3 Negative Edge Location.
33
[0]
[6:1]
[12:7]
1
0
20
RGPOL
RGPOSLOC
RGNEGLOC
RG Polarity. 0: Inversion, 1: No Inversion.
RG Positive Edge Location.
RG Negative Edge Location.
34
[0]
[1]
0
0
H1RETIME
H3RETIME
Retime H1/H3 HBLK to Internal H1/H3 Clocks. Preferred setting is 1
for each bit, which adds one cycle of delay to the programmed HBLK
toggle positions.
35
[2:0]
[5:3]
[8:6]
[11:9]
[14:12]
1
1
1
1
1
H1DRV
H2DRV
H3DRV
H4DRV
RGDRV
Drive Strength Control for H1.
0: Off.
1: 4.3 mA.
2: 8.6 mA.
3: 12.9 mA.
4: 17.2 mA.
5: 21.5 mA.
6: 25.8 mA.
7: 30.1 mA.
Drive Strength Control for H2 (Same Values as H1DRV).
Drive Strength Control for H3 (Same Values as H1DRV).
Drive Strength Control for H4 (Same Values as H1DRV).
Drive Strength Control for RG (Same Values as H1DRV).
36
[5:0]
[11:6]
24
0
SHPLOC
SHDLOC
SHP Sampling Location.
SHD Sampling Location.
37
[5:0]
[6]
[8:7]
0
0
2
DOUTPHASE
DCLKMODE
DOUTDLY
DOUT Phase Control.
0: DCLK Tracks DOUTPHASE.
1: DCLK Does Not Track DOUTPHASE, Remains Fixed with Regards to
CLI
Data Output Delay (tOD) with Respect to DCLK.
0: No Delay, 1: ~4 ns, 2: ~8 ns, and 3: ~12 ns.
38
[2:0]
0
HBLKWIDTH
Controls HBLK Width as a Fraction of H1 to H4 Frequency.
0: same, 1: 1/2, 2: 1/4, 3: 1/6, 4: 1/8, 5: 1/10, 6: 1/12, and 7: 1/14.
Table 41. CLPOB Masking Register Map
Address
Data Bit Content
Default Value
Register Name
Register Description
40
[11:0]
[23:12]
FFF
FFF
CLPMASK0
CLPMASK1
CLPOB Line Masking Line No. 0, or Mask0 Range, Start Line
CLPOB Line Masking Line No. 1, or Mask0 Range, End Line
41
[11:0]
[23:12]
FFF
FFF
CLPMASK2
CLPMASK3
CLPOB Line Masking Line No. 2, or Mask1 Range, Start Line
CLPOB Line Masking Line No. 3, or Mask1 Range, End Line
42
[11:0]
FFF
CLPMASK4
CLPOB Line Masking Line No. 4, or Mask2 Range, Start Line
43
[11:0]
[12]
FFF
0
CLPMASK5
CLPMASKTYPE
CLPOB Line Masking Line No. 5, or Mask2 Range, End Line
0: CLPOB Line Masking, 1: Enable CLPOB Range Masking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com