Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 10Page - Analog Devices AD9925BBCZ Datasheet HTML 11Page - Analog Devices AD9925BBCZ Datasheet HTML 12Page - Analog Devices AD9925BBCZ Datasheet HTML 13Page - Analog Devices AD9925BBCZ Datasheet HTML 14Page - Analog Devices AD9925BBCZ Datasheet HTML 15Page - Analog Devices AD9925BBCZ Datasheet HTML 16Page - Analog Devices AD9925BBCZ Datasheet HTML 17Page - Analog Devices AD9925BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
AD9925
Rev. A | Page 14 of 96
by
y, which consists of a CDS, VGA,
tion is
xternal
-
processor, which will reset internal counters and resync the VD
and HD outputs. The AD9925 also contains an optional reset
pin, RSTB, which may be used to perform an asynchronous
hardware reset function.
SYSTEM OVERVIEW
Figure 14 shows the typical system block diagram for the
AD9925 used in master mode. The CCD output is processed
the AD9925’s AFE circuitr
black level clamp, and ADC. The digitized pixel informa
sent to the digital image processor chip, which performs the
postprocessing and compression. To operate the CCD, all CCD
timing parameters are programmed into the AD9925 from the
system microprocessor through the 3-wire serial interface.
From the system master clock, CLI, provided by the image
processor or external crystal, the AD9925 generates the CCD’s
horizontal and vertical clocks and internal AFE clocks. E
synchronization is provided by a SYNC pulse from the micro
CCDIN
MSHUT
STROBE
H1 TO H4, RG
V1A, V2, V3A, V3B, V4, V5A,
V5B, V6, V7, V8, SUBCK, VSUB
CCD
AD9925
AFETG
+
V-DRIVER
DIGITAL
IMAGE
PROCESSING
ASIC
DOUT
DCLK
HD, VD
CLI
SERIAL
INTERFACE
SYNC
RSTB
µP
Figure 14. Typical System Block Diagram, Master Mode
AD9925, allowing these clocks t
directly connected to the
CCD. An H-d
d. A high
voltage V-driver is also included for the vertical clocks, allowing
irect connection to the CCD. The SUBCK and VSUB signals
ay require external transistors, depending on the CCD used.
The AD9925 also includes programmable MSHUT and
STROBE outputs, which may be used to trigger mechanical
shutter and strobe (flash) circuitry.
Figure 15 and Figure 16 show the maximum horizontal and
vertical counter dimensions for the AD9925. All internal hori-
zontal and vertical clocking is controlled by these counters to
specify line and pixel locations. Maximum HD length is 8192
pixels per line, and maximum VD length is 4096 lines per field.
Alternatively, the AD9925 may be operated in slave mode, in
which the VD and HD are provided externally from the image
processor. In this mode, all AD9925 timing will be synchro-
nized with VD and HD.
The H-drivers for H1 to H4 and RG are included in the
o be
rive voltage of up to 3.3 V is supporte
d
m
13-BIT HORIZONTAL = 8192 PIXELS MAX
12-BIT VERTICAL = 4096 LINES MAX
MAXIMUM
COUNTER
DIMENSIONS
Figure 15. Vertical and Horizontal Counters
VD
HD
MAX VD LENGTH IS 4096 LINES
CLI
MAX HD LENGTH IS 8192 PIXELS
Figure 16. Maximum VD/HD Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com