Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9925BBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 23Page - Analog Devices AD9925BBCZ Datasheet HTML 24Page - Analog Devices AD9925BBCZ Datasheet HTML 25Page - Analog Devices AD9925BBCZ Datasheet HTML 26Page - Analog Devices AD9925BBCZ Datasheet HTML 27Page - Analog Devices AD9925BBCZ Datasheet HTML 28Page - Analog Devices AD9925BBCZ Datasheet HTML 29Page - Analog Devices AD9925BBCZ Datasheet HTML 30Page - Analog Devices AD9925BBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
AD9925
Rev. A | Page 27 of 96
Vertical Sequences (VSEQ)
The vertical sequences are created by selecting one of the 10 ver-
cal pattern groups and adding repeats, the start position, and
horizontal clamping and blanking information. Up to 10 verti-
cal sequences may be programmed, each using the registers
shown in Table 14. Figure 36 shows how the different registers
are used to generate each vertical sequence.
The VPATSEL register selects which vertical pattern group will
be used in a given vertical sequence. The basic vertical pattern
group can have repetitions added for high speed line shifts or
line binning by using the VPATREPO and VPATREPE registers.
Generally, the same number of repetitions is programmed into
both registers, but if a different number of repetitions is re-
quired on odd and even lines, separate values may be used for
each register (see the Generating Line Alternation for Vertical
Sequence and HBLK section). The VPATSTART register speci-
fies the pixel location where the vertical pattern group will start.
The VMASK register is used in conjunction with the FREEZE/
RESUME registers to enable optional masking of the vertical
outputs. Either or both of the FREEZE1/RESUME1 and
FREEZE2/RESUME2 registers can be enabled using the
VMASK register.
(in pixels) is programmable using the HDLEN
registers. Each vertical sequence can have a different line length
to accommodate the various image readout techniques. The
maximum number of pixels per line is 8192. Note that the 13th bit
(MSB) of the line length is located in a separate register. Also
note that the last line of the field is separately programmable
using the HDLAST register, located in the field register section.
Additional vertical sequences are provided in Register Bank 3
for the XV7 and XV8 outputs. This allows the AD9925 to re-
main backward-compatible with the AD9995 register settings
while still providing additional flexibility with XV7 and XV8 for
new CCDs.
As described in the Hold Area Using FREEZE/RESUME Regis-
ters section, the hold registers in Bank 3 are used to specify a
hold area instead of vertical masking. The FREEZE/RESUME
registers are used to define the hold area. The XV78HOLDEN
registers are used to specify whether XV7 and XV8 will use the
hold area or not.
Table 14. Vertical Sequence Registers (See Table 10 and Table 11 for the HBLK, CLPOB, and PBLK registers)
Register
Length
Range
Description
ti
The line length
VPATSEL
4 b
0 to 9 Vertical Pattern Group No.
Selected Vertical Pattern Group for Each Vertical Sequence.
VMASK
2 b
0 to 3 Mask Mode
Enables the Masking of V1 to V6 Outputs at the Locations Specified by the
FREEZE/RESUME Registers.
0 = No Mask.
1 = Enable Freeze1/Resume1.
2 = Enable Freeze2/Resume2.
3 = Enable Both 1 and 2.
VPATREPO
12 b
0 to 4095 Number of Repeats
Number of Repetitions for the Vertical Pattern Group for Odd Lines. If no
odd/even alternation is required, set equal to VPATREPE.
VPATREPE
12 b
0 to 4095 Number of Repeats
Number of Repetitions for the Vertical Pattern Group for Even Lines. If no
odd/even alternation is required, set equal to VPATREPO.
VPATSTART
12 b
0 to 4095 Pixel Location
Start Position for the Selected Vertical Pattern Group.
HDLEN
13 b
0 to 8191 Number of Pixels
HD Line Length for Lines in Each Vertical Sequence. Note that 13th bit (MSB)
of the line length is located in a separate register to maintain compatibility
with AD9995.
HOLD1
1 b
High/Low
Enable Hold Area Instead of Vertical Masking, Using FREEZE/RESUME
Registers.
XV78HOLDEN1
1 b
High/Low
Enable XV7 and XV8 to Use Hold Area.
0 = Disable.
1 = Enable.
1Located in Bank 3, vertical sequence registers for XV7 and XV8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com