Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 144 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 144 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 140Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 141Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 142Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 143Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 144Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 145Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 146Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 147Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 212 page
background image
144
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-51. TA3 Signal Connections
DEVICE INPUT PIN OR INTERNAL
SIGNAL
MODULE INPUT
SIGNAL
MODULE BLOCK
MODULE OUTPUT
SIGNAL
DEVICE OUTPUT PIN OR
INTERNAL SIGNAL
P8.3/TA3CLK/A22
TACLK
Timer
N/A
N/A
ACLK (internal)
ACLK
SMCLK (internal)
SMCLK
From Capacitive Touch I/O 1 (internal)
INCLK
P10.4/TA3.0/C0.7
CCI0A
CCR0
TA0
P10.4/TA3.0/C0.7
TA3_C0 (internal)
DVSS
CCI0B
DVSS
GND
DVCC
VCC
P10.5/TA3.1/C0.6
CCI1A
CCR1
TA1
P10.5/TA3.1/C0.6
TA3_C1 (internal)
Precision ADC (internal)
ADC14SHSx = {7}
ACLK (internal)
CCI1B
DVSS
GND
DVCC
VCC
P8.2/TA3.2/A23
CCI2A
CCR2
TA2
P8.2/TA3.2/A23
TA3_C2 (internal)
C0OUT (internal)
CCI2B
DVSS
GND
DVCC
VCC
P9.2/TA3.3
CCI3A
CCR3
TA3
P9.2/TA3.3
TA3_C3 (internal)
TA2_C3 (internal)
CCI3B
DVSS
GND
DVCC
VCC
P9.3/TA3.4
CCI4A
CCR4
TA4
P9.3/TA3.4
TA3_C4 (internal)
From Capacitive Touch I/O 1 (internal)
CCI4B
DVSS
GND
DVCC
VCC
6.9.4
Timer32
Timer32 is an Arm dual 32-bit timer module. It contains two 32-bit timers, each of which can be configured
as two independent 16-bit timers. The two timers can generate independent events or a combined event,
which can be processed according to application requirements.
6.9.5
Enhanced Universal Serial Communication Interface (eUSCI)
The eUSCI modules are used for serial data communication. The eUSCI module supports synchronous
communication protocols such as SPI (3-pin or 4-pin) and I2C, and asynchronous communication
protocols such as UART, enhanced UART with automatic baud-rate detection, and IrDA.
The eUSCI_An module provides support for SPI (3-pin or 4-pin), UART, enhanced UART, and IrDA.
The eUSCI_Bn module provides support for SPI (3-pin or 4-pin) and I2C.
MSP432P4x1x devices offer up to four eUSCI_A and four eUSCI_B modules.
6.9.6
Real-Time Clock (RTC_C)
The RTC_C module contains an integrated real-time clock. It integrates an internal calendar which
compensates for months with less than 31 days and includes leap year correction. The RTC_C also
supports flexible alarm functions, offset calibration, and temperature compensation. The RTC_C operation
is available in LPM3 and LPM3.5 modes to minimize power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com