Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 148 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 148 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 144Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 145Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 146Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 147Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 148Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 149Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 150Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 151Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 212 page
background image
148
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.10.3 Bootloader (BSL)
The BSL enables users to program flash or SRAM on the device using a UART or I2C or SPI serial
interface. Access to the device memory through the BSL is protected by a user-defined password.
Table 6-56 lists the required BSL pins.
Table 6-56. BSL Pins and Functions
DEVICE PIN
BSL FUNCTION
P1.2
UART BSLRXD
P1.3
UART BSLTXD
P1.4
SPI BSLSTE
P1.5
SPI BSLCLK
P1.6
SPI BSLSIMO
P1.7
SPI BSLSOMI
P3.6
I2C BSLSDA
P3.7
I2C BSLSCL
The BSL is invoked under any of the following conditions:
•
Erasure of flash main memory
•
Hardware invocation of BSL
•
Software-based API calls to BSL functions
The user can perform hardware invocation of BSL using any pin of ports P1, P2, or P3. The pin selected
for this purpose must not be one of the pins used for BSL. The user can configure the device pin and its
polarity through the flash boot-override mailbox. The BSL can then be invoked on a power cycle or POR
reset event with the configured pin.
For the complete description of the BSL features and its implementation, see the MSP432P4xx
SimpleLink™ Microcontrollers Bootloader (BSL) User's Guide.
6.10.4 Device Security
The MSP432P4x1x MCUs offer the following two types of device security for the user application code
programmed on to the device.
•
JTAG and SWD lock
•
IP protection
JTAG and SWD lock as the name indicates locks the JTAG and SWD interface of the device. IP
protection is useful for protection of customer software IP, for example, in multiple-vendor development
scenarios. It is possible to have up to four IP protected zones with configurable start address and size.
The security configurations of the device are done using the flash boot-override mailbox.
Also the SYSCTL_A module provides infrastructure for encrypted in-field updates to the application code
on devices that are JTAG and SWD locked or have defined IP protection zones. For complete details of
the device security features, see SYSCTL_A chapter in the MSP432P4xx SimpleLink™ Microcontrollers
Technical Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com