Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 149 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 149 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 145Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 146Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 147Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 148Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 149Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 150Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 151Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 152Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 212 page
background image
149
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.11 Performance Benchmarks
The MSP432P4x1x MCUs achieve the following performance benchmarks under the software
configurations and profile configurations in the following sections. These performance benchmarks were
measured with system supply voltage of 2.97 V at ambient temperature of 25°C.
6.11.1 ULPBench Performance: 150.6 ULPMark™-CP
Table 6-57 lists the software configuration for the ULPBench benchmark.
Table 6-57. Software Configuration
ITEM
DETAILS
Compiler name and version
IAR EWARM v7.50.3
Compiler flags
--endian=little --cpu=Cortex-M4F -e --fpu=VFPv4_sp -Ohs --no_size_constraints --mfc
ULPBench profile and version
v1.1.x
EnergyMonitor software version
1.1.3
Table 6-58 lists the profile configuration for the ULPBench benchmark.
Table 6-58. Profile Configuration
CONFIGURATION
DETAILS
Wakeup Timer Module
RTC
Wakeup Timer Clock Source
External crystal
Wakeup Timer Frequency
32768 Hz
Wakeup Timer Accuracy
20 ppm
Active Power Mode Name
Active mode
Active Mode Clock Configuration
CPU: 21 MHz, RTC: 32 kHz
Active Mode Voltage Integrity
1.62 V
Inactive Power Mode Name
LPM3
Inactive Clock Configuration
CPU: off, RTC: 32 kHz
Inactive Mode Voltage Integrity
1.62 V
6.11.2 CoreMark/MHz Performance: 3.41
Table 6-59 lists the software configuration for the CoreMark benchmark.
Table 6-59. Software Configuration
ITEM
DETAILS
Compiler Name and Version
IAR EWARM v6.70.3
Compiler Flags
--no_size_constraints --debug --endian=little --cpu=Cortex-M4F -e --fpu=None --dlib_config
C:\Program Files (x86)\IAR Systems\Embedded Workbench
6.\arm\INC\c\DLib_Config_Normal.h -Ohs
CoreMark Profile and Version
v1.0
Table 6-60 lists the profile configuration for the CoreMark benchmark.
Table 6-60. Profile Configuration
CONFIGURATION
DETAILS
Active Power Mode Name
Active mode
Active Mode Clock Configuration
CPU: 3 MHz
Active Mode Voltage Integrity
1.62 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com