Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 204 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 204 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 200Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 201Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 202Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 203Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 204Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 205Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 206Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 207Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 212 page
background image
204
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Device and Documentation Support
Copyright © 2017–2018, Texas Instruments Incorporated
MSP432™ SimpleLink™ Microcontrollers Bootloader (BSL) User's Guide
The MSP432 BSL lets
users communicate with embedded memory in the MSP432 microcontroller during the
prototyping phase, final production, and in service. Both the programmable memory (flash
memory) and the data memory (RAM) can be modified as required.
MSP432™ Capacitive Touch Software Library Programmer's Guide
MSP432
microcontrollers
are
equipped with the peripherals needed to perform a capacitance measurement. The purpose
of the capacitive touch software library is to create a single interface that can be integrated
with the peripheral set found in MSP432 devices. This document explains the capacitive
touch library configuration and use with MSP432 devices.
Application Reports
Platform Migrating to the SimpleLink™ MSP432™ Family The goals for this porting guide is to help
developers accurately assess the effort to port an existing application from one MSP
platform to another, ultimately to derive a porting strategy with complete hardware and
software coverage that properly ports the existing application without introducing bugs due to
platform differences yet taking advantages of the unique features or performance
improvements introduced in the new platform.
Designing an Ultra-Low-Power (ULP) Application With SimpleLink™ MSP432™ Microcontrollers
With the growing system complexity in ultra-low-power microcontroller applications,
minimizing the overall energy consumption is one of the most difficult problems to solve.
Multiple aspects including silicon, other onboard hardware components, and application
software must be considered. There are some obvious generic techniques that can be used
to reduce energy consumption such as reducing operating voltage or frequency. Many of
these generic techniques may not greatly reduce energy consumption independently, but
taken as a whole, the results can be significant, as there are many interdependencies across
these components.
Maximizing MSP432P4xx Voltage Regulator Efficiency
This
application
report
describes
the
relationship of the MSP432P4xx DC/DC and LDO, provides guidelines on choosing which is
most efficient for your application, and gives board layout considerations for the DC/DC.
Leveraging Low-Frequency Power Modes on SimpleLink™ MSP432P4xx Microcontrollers
Low
power consumption is very important in all battery-powered embedded applications. But the
operating frequency of these embedded applications can be diverse based the needs of the
application. Some applications might require operating at higher frequencies, in the order of
several megahertz, while some other applications might require operating at lower
frequencies, in the order of a few tens or a few hundreds of kilohertz. There are several
microcontrollers in the market that offer good active mode power consumption when the
operating frequency is in the order of several megahertz. But it is a challenge to get the
power consumption low when the operating frequency is in the order of kilohertz. The low-
frequency power modes available on the MSP432P4xx microcontrollers offer very low power
consumption when low frequency of operation is used by the target application.
Software IP Protection on MSP432P4xx Microcontrollers
Differentiations
in
embedded
software
applications enable differentiated products. Companies invest significant money in building
differentiated software application. Hence, protecting this investment (application or portions
of the application) is extremely important. This application note describes how to protect
software intellectual property (IP) running on the Texas Instruments MSP432P4xx family of
microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com