Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 201 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 201 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 197Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 198Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 199Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 200Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 201Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 202Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 203Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 204Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 212 page
background image
MSP
432
P
4111
I
PZ
T
XX
Processor Family
Series
Optional: Temperature Range
MCU Platform
Packaging
Optional: Distribution Format
Feature Set
Optional: Additional Features
Processor Family
MSP = Mixed-Signal Processor
XMS = Experimental Silicon
MCU Platform
432 = T ’s 32-bit Low-Power SimpleLink Microcontroller Platform
I
Series
P = Performance and Low-Power Series
Feature Set
Optional:
Temperature
Range
S = 0°C to 50°C
I = –40°C to 85°C
T = –40°C to 105°C
Packaging
http://www.ti.com/packaging
Optional:
Distribution
Format
T = Small reel
R = Large reel
No markings = Tube or tray
Optional:
Additional
Features
-EP = Enhanced product (–40°C to 105°C)
-HT = Extreme temperature parts (–55°C to 150°C)
-Q1 = Automotive Q100 qualified
First Digit
4 = Flash-based
devices
Second Digit
0 = General
purpose
1 = LCD
Third Digit
1 = ADC14
Fourth Digit
1 = 2048KB of flash
256KB of SRAM
Y = 1024KB of flash
256KB of SRAM
V = 512KB of flash
128KB of SRAM
201
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Device and Documentation Support
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 8-1. Device Nomenclature
8.3
Tools and Software
All MSP microcontrollers are supported by a wide variety of software and hardware development tools.
Tools are available from TI and various third parties. See them all at Overview for Low Power +
Performance.
Table 8-1 lists the supported debug features. See the Code Composer Studio™ IDE for SimpleLink™
MSP432™ MCUs User's Guide for details on the available hardware features.
Table 8-1. Hardware Debug Features
FAMILY
JTAG
SWD
NUMBER OF
BREAKPOINTS
ITM
DWT
FPB
MSP432P4xx
Yes
Yes
4
Yes
Yes
Yes
EnergyTrace technology is supported with Code Composer Studio version 6.0 and newer. It requires
specialized debugger circuitry, which is supported with the second-generation onboard eZ-FET flash
emulation tool and second-generation stand-alone MSP-FET JTAG emulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com