Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 197 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 197 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 193Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 194Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 195Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 196Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 197Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 198Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 199Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 200Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 212 page
background image
C
L1
C
L2
LFXIN
or
HFXIN
LFXOUT
or
HFXOUT
Digital
Power Supply
Decoupling
100 nF
4.7 F
µ
Analog
Power Supply
Decoupling
DVCC
DVSS
AVCC
AVSS
+
+
100 nF
4.7 F
µ
197
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Applications, Implementation, and Layout
Copyright © 2017–2018, Texas Instruments Incorporated
7
Applications, Implementation, and Layout
NOTE
Information in the following Applications section is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI's customers are responsible for
determining suitability of components for their purposes. Customers must validate and test
their design implementation to confirm system functionality.
7.1
Device Connection and Layout Fundamentals
This section describes the recommended guidelines when designing with the MSP432 microcontrollers.
These guidelines are to make sure that the device has proper connections for powering, programming,
debugging, and optimum analog performance.
7.1.1
Power Supply Decoupling and Bulk Capacitors
TI recommends connecting a combination of a 4.7-µF plus a 100-nF low-ESR ceramic decoupling
capacitor to each AVCC and DVCC pin (see Figure 7-1). Higher-value capacitors may be used but can
affect supply rail ramp-up time. Decoupling capacitors must be placed as close as possible to the pins that
they decouple (within a few millimeters). Additionally, TI recommends separated grounds with a single-
point connection for better noise isolation from digital-to-analog circuits on the board and to achieve high
analog accuracy.
Figure 7-1. Power Supply Decoupling
7.1.2
External Oscillator
The device supports a low-frequency crystal (32.768 kHz) on the LFXT pins and a high-frequency crystal
on the HFXT pins. External bypass capacitors for the crystal oscillator pins are required.
It is also possible to apply digital clock signals to the LFXIN and HFXIN input pins that meet the
specifications of the respective oscillator if the appropriate LFXTBYPASS or HFXTBYPASS mode is
selected. In this case, the associated LFXOUT and HFXOUT pins can be used for other purposes.
Figure 7-2 shows a typical connection diagram.
Figure 7-2. Typical Crystal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com