Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 196 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 196 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 192Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 193Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 194Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 195Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 196Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 197Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 198Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 199Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 212 page
background image
ID0 register
ID1 register
ID2 register
ID3 register
ID4 register
ID5 register
ID6 register
ID7 register
7
0
7
0
7
0
7
0
7
0
7
0
7
0
7
0
63
5655
48 47
40 39
36 35
32 31
28 27
24 23
20 19 18
12 11
0
Conceptual 64-bit Peripheral ID
Part Number
JEP106
ID code
JEP106 code is used
Revision
Customer
Modified
RevAnd
JEP106
Continuation
Code
4KB
count
Reserved, RAZ
0 0 0 0
0 0 1 0 1 1 1
1
1 0 1 1
1 0 1 1 0 1 0 0 1 1 0 1
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
0 0 0 0
0 0 0 0
Bits with no value shown are IMPLEMENTATION DEFINED.
Other bits not shown as Reserved are for an implementation designed by Arm Limited.
196
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
From Figure 6-24 it is evident that a one-to-one mapping is not possible for the following fields from
Table 6-90
1. Version: IEEE 1149.1 defines a 4-bit field, whereas the CoreSight™ compliant PID registers have
4 bits each for Revision (major revision) and RevAnd (minor revision).
2. Part Number: IEEE 1149.1 defines a 16-bit entity. However, the PID registers in the ROM table have
only 12 bits reserved for this purpose (part number in the PID1 and PID0 registers).
For the MSP432P4xx family, the Revision and RevAnd fields are the major and minor revisions. Also the
4-bit customer-modified field extends the part number to 16 bits by accommodating all the fields needed
by IEEE 1149.1 into the ROM table.
The ROM table with IEEE 1149.1-complaint device IDCODE for MSP432P4x1x device example is 0000-
1011-1011-0100-1101-0000-0010-1111 (see Figure 6-25).
Figure 6-25. ROM PID Entries for MSP432P4x1x Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com