Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 195 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 195 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 191Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 192Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 193Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 194Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 195Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 196Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 197Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 198Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 212 page
background image
195
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.14 Identification
6.14.1 Revision Identification
The device revision information is shown as part of the top-side marking on the device package. The
device-specific errata sheet describes these markings. For links to the errata sheets for the devices in this
data sheet, see Section 8.4.
The hardware revision is also stored in the Device Descriptor structure in the Info Block section. For
details on this value, see the Hardware Revision entry in the Device Descriptor structure (see
Section 6.13).
6.14.2 Device Identification
The device type can be identified from the top-side marking on the device package. The device-specific
errata sheet describes these markings. For links to the errata sheets for the devices in this data sheet, see
Section 8.4.
A device identification value is also stored in the Device Descriptor structure in the Info Block section. For
details on this value, see the Device ID entry in the Device Descriptor structure (see Section 6.13).
6.14.3 Arm Cortex-M4F ROM Table Based Part Number
MSP432P4xx family of devices incorporate a part number for the device in addition to the device IDs
specified in the device descriptors (TLV) for the IDEs to recognize the device. This section describes how
this information is organized on the device.
The IEEE 1149.1 standard defines the use of a IDCODE register in the JTAG chain that provides the
fields in Table 6-90
Table 6-90. Structure of Device Identification Code
BIT POSITION
FIELD DESCRIPTION
31-28
Version
27-12
Part Number of the device
11-1
Manufacturer Identity
0
Reserved (Always tied to 1)
On MSP432P4xx devices all the fields in Table 6-90 are implemented on the Arm Cortex-M4 ROM table.
The part number can be read by the IDE tools to determine the device with which it is working.
Figure 6-24 shows the Peripheral ID register bit descriptions according to the Arm Cortex-M4
specifications.
Figure 6-24. Arm Cortex-M4 Peripheral ID Register Description
See the Arm Debug Interface V5 Architecture Specification for bit-level details on the Arm Cortex-M4
Peripheral ID registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com