Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 193 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 193 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 189Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 190Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 191Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 192Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 193Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 194Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 195Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 196Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 212 page
background image
193
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-89. Device Descriptors(1) (continued)
DESCRIPTION
ADDRESS
VALUE
Clock System
Calibration
Clock system calibration tag
00201044h
00000003h
Clock system calibration length
00201048h
00000010h
DCO IR mode: frequency calibration for DCORSEL 0 to 4
0020104Ch
Per unit
DCO IR mode: frequency calibration for DCORSEL 5
00201050h
Per unit
Reserved
00201054h
000000C0h
Reserved
00201058h
000002C0h
Reserved
0020105Ch
0000002Ah
Reserved
00201060h
000002C0h
DCO IR mode: DCO constant (K) for DCORSEL 0 to 4
00201064h
Per unit
DCO IR mode: DCO constant (K) for DCORSEL 5
00201068h
Per unit
DCO ER mode: frequency calibration for DCORSEL 0 to 4
0020106Ch
Per unit
DCO ER mode: frequency calibration for DCORSEL 5
00201070h
Per unit
Reserved
00201074h
000000B4h
Reserved
00201078h
000002C0h
Reserved
0020107Ch
00000028h
Reserved
00201080h
000002C0h
DCO ER mode: DCO constant (K) for DCORSEL 0 to 4
00201084h
Per unit
DCO ER mode: DCO constant (K) for DCORSEL 5
00201088h
Per unit
ADC14 Calibration
ADC14 calibration tag
0020108Ch
00000005h
ADC14 calibration length
00201090h
00000018h
Reserved
00201094h
FFFFFFFFh
Reserved
00201098h
FFFFFFFFh
Reserved
0020109Ch
FFFFFFFFh
Reserved
002010A0h
FFFFFFFFh
Reserved
002010A4h
FFFFFFFFh
Reserved
002010A8h
FFFFFFFFh
Reserved
002010ACh
FFFFFFFFh
Reserved
002010B0h
FFFFFFFFh
Reserved
002010B4h
FFFFFFFFh
Reserved
002010B8h
FFFFFFFFh
Reserved
002010BCh
FFFFFFFFh
Reserved
002010C0h
FFFFFFFFh
Reserved
002010C4h
FFFFFFFFh
Reserved
002010C8h
FFFFFFFFh
Reserved
002010CCh
FFFFFFFFh
Reserved
002010D0h
FFFFFFFFh
Reserved
002010D4h
FFFFFFFFh
Reserved
002010D8h
FFFFFFFFh
ADC 1.2-V reference temperature sensor 30°C
002010DCh
Per unit
ADC 1.2-V reference temperature sensor 85°C
002010E0h
Per unit
ADC 1.45-V reference temperature sensor 30°C
002010E4h
Per unit
ADC 1.45-V reference temperature sensor 85°C
002010E8h
Per unit
ADC 2.5-V reference temperature sensor 30°C
002010ECh
Per unit
ADC 2.5-V reference temperature sensor 85°C
002010F0h
Per unit
REF Calibration
REF calibration tag
002010F4h
00000008h
REF calibration length
002010F8h
00000003h
Reserved
002010FCh
FFFFFFFFh
Reserved
00201100h
FFFFFFFFh
Reserved
00201104h
FFFFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com