Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 190 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 190 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 186Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 187Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 188Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 189Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 190Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 191Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 192Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 193Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 212 page
background image
190
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
X indicates that the value of the control signal or mode of operation has no effect on the functionality.
(2)
This pin is internally pulled up if PJSEL0 is 1.
(3)
The 'default' value in the table indicates the functionality that is selected whenever a hard reset (or higher class reset) occurs.
(4)
This pin is has no internal pull feature. If used in User IO mode or left unused, it must be pulled to GND through an external pulldown
resistor.
(5)
After any hard reset (or higher class reset), this pin returns to TDO functionality with the SWJ in JTAG (4 wire) mode of operation. If
used as a User IO, it reflects the value of the external pullup until the PJSELx bits are reconfigured to the value 00.
6.12.24 Port PJ (PJ.4 and PJ.5) Input/Output With Schmitt Trigger
Table 6-86 lists the settings to select the port functions.
Table 6-86. Port PJ (PJ.4 to PJ.5) Pin Functions
PIN NAME (P7.x)
x
FUNCTION
CONTROL BITS OR SIGNALS (1)
SWJ MODE OF
OPERATION (1)
PJDIR.x
PJSEL1.x
PJSEL0.x
PJMAPx
PJ.4/TDI (2)
4
PJ.4 (I/O)
I: 0; O: 1
0
0
X
X
TDI
X
0
1
default (3)
JTAG (4 wire)
DVcc
SWD (2 wire)
DVcc
X
1
X
X
X
PJ.5/TDO/SWO (4),
(5)
5
PJ.5 (I/O)
I: 0; O: 1
0
0
X
X
TDO
X
0
1
default (3)
JTAG (4 wire)
SWO
SWD (2 wire)
Hi-Z
X
1
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com