Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 194 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 194 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 190Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 191Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 192Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 193Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 194Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 195Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 196Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 197Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 212 page
background image
194
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-89. Device Descriptors(1) (continued)
DESCRIPTION
ADDRESS
VALUE
(2)
128-bit random number: The random number is generated during production test using the CryptGenRandom() function from Microsoft®
Flash Info
Flash info tag
00201108h
00000004h
Flash info length
0020110Ch
00000002h
Flash maximum programming pulses
00201110h
00000005h
Flash maximum erase pulses
00201114h
0000014Eh
Random Number
128-bit random number tag
00201118h
0000000Dh
128-bit random number length
0020111Ch
00000004h
128-bit random number(2)
00201120h
Per unit
00201124h
Per unit
00201128h
Per unit
0020112Ch
Per unit
BSL Configuration
BSL configuration tag
00201130h
0000000Fh
BSL configuration length
00201134h
00000004h
BSL peripheral interface selection
00201138h
FFC2D0C0h
BSL port interface configuration for UART
0020113Ch
FCFFFDA0h
BSL port interface configuration for SPI
00201140h
F0FF9770h
BSL port interface configuration for I2C
00201144h
FCFFFF72h
TLV End
TLV end word
00201148h
0BD0E11Dh
Reserved
0020114Ch to 00201FFFh
FFFFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com