Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 198 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 198 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 194Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 195Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 196Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 197Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 198Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 199Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 200Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 201Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 212 page
background image
Using an external
positive reference
Connection to onboard ground
VeREF-
VREF+/VeREF+
+
50 nF
5 F
µ
AVSS
198
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Applications, Implementation, and Layout
Copyright © 2017–2018, Texas Instruments Incorporated
See MSP430 32-kHz Crystal Oscillators for more information on selecting, testing, and designing a crystal
oscillator with the MSP432 devices.
7.1.3
General Layout Recommendations
•
Use proper grounding and short traces for the external crystal to reduce parasitic capacitance. See
MSP430 32-kHz Crystal Oscillators for recommended layout guidelines.
•
Use specified bypass capacitors on DVCC, AVCC, and reference pins, if used.
•
Do not route any high-frequency signal close to an analog signal line. For example, keep digital
switching signals such as PWM or JTAG signals away from the oscillator circuit.
•
Design in proper ESD level protection to protect the device from unintended high-voltage electrostatic
discharge. See MSP430 System-Level ESD Considerations for guidelines.
7.1.4
Do's and Don'ts
TI recommends powering AVCC and DVCC pins from the same source. At a minimum, during power up,
power down, and device operation, the voltage difference between AVCC and DVCC must not exceed the
limits specified in Section 5.1. Exceeding the specified limits may cause malfunction of the device.
7.2
Peripheral and Interface-Specific Design Information
7.2.1
Precision ADC Peripheral
7.2.1.1
Partial Schematic
Figure 7-3 shows the recommended circuit for grounding and noise reduction.
Figure 7-3. Precision ADC Grounding and Noise Considerations
7.2.1.2
Design Requirements
As with any high-resolution ADC, follow appropriate PCB layout and grounding techniques to eliminate
ground loops, unwanted parasitic effects, and noise.
Ground loops are formed when return current from the ADC flows through paths that are common with
other analog or digital circuitry. If care is not taken, this current can generate small unwanted offset
voltages that can add to or subtract from the reference or input voltages of the ADC. The general
guidelines in Section 7.1.1 combined with the connections shown in Section 7.2.1.1 prevent this.
In addition to grounding, ripple and noise spikes on the power-supply lines that are caused by digital
switching or switching power supplies can corrupt the conversion result. TI recommends a noise-free
design using separate analog and digital ground planes with a single-point connection to achieve high
accuracy.
Figure 7-3 shows the recommended decoupling circuit when an external voltage reference is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com