Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 35Page - Cirrus Logic CS5484 Datasheet HTML 36Page - Cirrus Logic CS5484 Datasheet HTML 37Page - Cirrus Logic CS5484 Datasheet HTML 38Page - Cirrus Logic CS5484 Datasheet HTML 39Page - Cirrus Logic CS5484 Datasheet HTML 40Page - Cirrus Logic CS5484 Datasheet HTML 41Page - Cirrus Logic CS5484 Datasheet HTML 42Page - Cirrus Logic CS5484 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
CS5484
DS981F3
39
AFC
Enables automatic line frequency measurement which sets Epsilon every time a new
line frequency measurement completes. Epsilon is used to control the gain of 90 de-
gree phase shift integrator used in quadrature power calculations.
0 = Disable automatic line frequency measurement
1 = Enable automatic line frequency measurement (Default)
I2FLT[1:0]
Filter enable for current channel 2.
00 = No filter (Default)
01 = High-pass filter (HPF) on current channel 2
10 = Phase-matching filter (PMF) on current channel 2
11 = Rogowski coil integrator on current channel 2
V2FLT[1:0]
Filter enable for voltage channel 2/temperature.
00 = No filter (Default)
01 = High-pass filter (HPF) on voltage channel 2
10 = Phase-matching filter (PMF) on voltage channel 2
11 = Reserved
I1FLT[1:0]
Filter enable for current channel 1.
00 = No filter (Default)
01 = High-pass filter (HPF) on current channel 1
10 = Phase-matching filter (PMF) on current channel 1
11 = Rogowski coil integrator on current channel 1
V1FLT[1:0]
Filter enable for voltage channel 1.
00 = No filter (Default)
01 = High-pass filter (HPF) on voltage channel 1
10 = Phase-matching filter (PMF) on voltage channel 1
11 = Reserved
IIR_OFF
Bypass IIR filter.
0 = Do not bypass IIR filter (Default)
1 = Bypass IIR filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com