Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 21Page - Cirrus Logic CS5484 Datasheet HTML 22Page - Cirrus Logic CS5484 Datasheet HTML 23Page - Cirrus Logic CS5484 Datasheet HTML 24Page - Cirrus Logic CS5484 Datasheet HTML 25Page - Cirrus Logic CS5484 Datasheet HTML 26Page - Cirrus Logic CS5484 Datasheet HTML 27Page - Cirrus Logic CS5484 Datasheet HTML 28Page - Cirrus Logic CS5484 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
CS5484
DS981F3
25
5.7 Phase Sequence Detection
Polyphase meters using multiple CS5484 devices may
be configured to sense the succession of voltage
zero-crossings and determine which phase order is in
service. The phase sequence detection within CS5484
involves counting the number of OWR samples from a
starting point to the next voltage zero-crossing rising
edge or falling for each phase. By comparing the count
for each phase, the phase sequence can be easily
determined: the smallest count is first, and the largest
count is last.
The phase sequence detection and control (PSDC)
register provides the count control, zero-crossing
direction and count results. Writing '0' to bit DONE and
'10110' to bits CODE[4:0] of the PSDC register followed
by a falling edge on the RX pin will initiate the phase
sequence detection circuit. The RX pin must be held low
for a minimum of 500ns. When the device is in UART
mode, it is recommended that a 0xFF command be
written to all parts to start the phase sequence
detection. This command is ignored by the UART
interface and a checksum is not needed. Multiple
CS5484 devices in a polyphase meter must receive the
register writing and the RX falling edge at the same time
so
that
all
CS5484
devices
start
to
count
simultaneously. Bit DIR of the PSDC register specifies
the direction of the next zero-crossing at which the
count stops. If bit DIR is '0', the count stops at the next
negative-to-positive zero crossing. If bit DIR is '1', the
count
stops
at
the
next
positive-to-negative
zero-crossing. When the count stops, the DONE bit will
be set by the CS5484, and then the count result of each
phase may be read from bits PSCNT[6:0] of the PSDC
register.
If the PSCNT[6:0] bits are equal to 0x00, 0x7F or
greater than 0x64 (for 50Hz) or 0x50 (for 60Hz), then a
measurement
error
has
occurred,
and
the
measurement results should be disregarded. This could
happen when the voltage input signal amplitude is lower
than the amplitude specified in the VZXLEVEL register.
To determine the phase order, the PSCNT[6:0] bit count
from each CS5484 is sorted in ascending order. Figure
16 and Figure 17 illustrate how phase sequence
detection is performed.
Phase sequences A, B, and C for the default rising edge
transition are illustrated in Figure 16. The PSCNT[6:0]
bits from the CS5484 on phase A will have the lowest
count, followed by the PSCNT[6:0] bits from the
CS5484 on phase B with the middle count, and the
PSCNT[6:0] bits from the CS5484 on phase C with the
highest count.
Phase sequences C, B, and A for rising edge transition
are illustrated in Figure 17. The PSCNT[6:0] bits from
the CS5484 on phase C will have the lowest count,
followed by the PSCNT[6:0] bits from the CS5484 on
phase B with the middle count, and the PSCNT[6:0] bits
from the CS5484 on phase A with the highest count.
5.8 Temperature Measurement
The CS5484 has an internal temperature sensor, which
is designed to measure temperature and optionally
compensate for temperature drift of the voltage
reference. Temperature measurements are stored in
the Temperature register (T), which, by default, is
configured to a range of ±128 degrees on the Celsius
(°C) scale.
The application program can change both the scale and
range of temperature by changing the Temperature
Gain (TGAIN) and Temperature Offset (TOFF) registers.
Figure 16. Phase Sequence A, B, C for Rising Edge Transition
-2
0
2
Phase A Channel
-2
0
2
Phase B Channel
-2
0
2
Phase C Channel
Write 0x16 to
PSDC Register
Start on the Falling
Edge on the RX Pin
Stop
Stop
Stop
Phase C Count
Phase B Count
Phase A Count
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com