Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 17Page - Cirrus Logic CS5484 Datasheet HTML 18Page - Cirrus Logic CS5484 Datasheet HTML 19Page - Cirrus Logic CS5484 Datasheet HTML 20Page - Cirrus Logic CS5484 Datasheet HTML 21Page - Cirrus Logic CS5484 Datasheet HTML 22Page - Cirrus Logic CS5484 Datasheet HTML 23Page - Cirrus Logic CS5484 Datasheet HTML 24Page - Cirrus Logic CS5484 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
CS5484
DS981F3
21
5. FUNCTIONAL DESCRIPTION
5.1 Power-on Reset
The CS5484 has an internal power supply supervisor
circuit that monitors the VDDA and VDDD power
supplies and provides the master reset to the chip. If
any of these voltages are in the reset range, the master
reset is triggered.
The CS5484 has dedicated power-on reset (POR)
circuits for the analog supply and digital supply. During
power-up, both supplies have to be above the rising
threshold for the master reset to be de-asserted.
Each POR is divided into two blocks: rough and fine.
Rough POR triggers the fine POR. Rough POR
depends only on the supply voltage. The trip point for
the fine POR is dependent on bandgap voltage for
precise control. The POR circuit also acts as a
brownout detect. The fine POR detects supply drops
and asserts the master reset. The rough and fine PORs
have hysteresis in their rise and fall thresholds, which
prevents the reset signal from chattering.
Figure 12 shows the POR outputs for each of the power
supplies. The POR_Fine_VDDA and POR_Fine_VDDD
signals are AND-ed to form the actual power-on reset
signal to the digital circuity. The digital circuitry, in turn,
holds the master reset signal for 130ms and then
de-asserts the master reset.
Table 1. POR Thresholds
5.2 Power Saving Modes
Power Saving modes for the CS5484 are accessed
through the Host Commands (see section 6.1 Host
Commands on page 27).
• Standby: Powers down all the ADCs, rough buffer,
and the temperature sensor. Standby mode disables
the system time calculations. Use the wake-up
command to come out of standby mode.
• Wake-up: Clears the ADC power-down bits and
starts the system time calculations.
After any of these commands are completed, the DRDY
bit is set in the Status0 register.
5.3 Zero-crossing Detection
Zero-crossing detection logic is implemented in the
CS5484. One current and one voltage channel can be
selected for zero-crossing detection. The IZX_CH and
VZX_CH control bits in the Config0 register are used to
select the zero-crossing channel. A low-pass filter can
be enabled by setting the ZX_LPF bit in register
Config2. The low-pass filter has a cut-off frequency of
80Hz. It is used to eliminate any harmonics and help the
zero-crossing detection on the 50Hz or 60Hz
fundamental component. The zero-crossing level
registers are used to set the minimum threshold over
which the channel peak must exceed in order for the
zero-crossing detection logic to function. There are two
separate zero-crossing level registers: VZXLEVEL is the
threshold for the voltage channels, and IZXLEVEL is the
threshold for the current channels.
VDDA
POR_Rough_VDDA
POR_Fine_VDDA
VDDD
POR_Rough_VDDD
POR_Fine_VDDD
POR_Fine_VDDA
POR_Fine_VDDD
Master Reset
130ms
Vth1
Vth2
Vth5
Vth6
Vth3
Vth4
Vth7
Vth8
Figure 12. Power-on Reset Timing
Typical POR
Threshold
Rising
Falling
VDDA
Rough
Vth1 =2.34V
Vth6 =2.06V
Fine
Vth2 =2.77V
Vth5 =2.59V
VDDD
Rough
Vth3 =1.20V
Vth8 =1.06V
Fine
Vth4 =1.51V
Vth7 =1.42V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com