Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 37Page - Cirrus Logic CS5484 Datasheet HTML 38Page - Cirrus Logic CS5484 Datasheet HTML 39Page - Cirrus Logic CS5484 Datasheet HTML 40Page - Cirrus Logic CS5484 Datasheet HTML 41Page - Cirrus Logic CS5484 Datasheet HTML 42Page - Cirrus Logic CS5484 Datasheet HTML 43Page - Cirrus Logic CS5484 Datasheet HTML 44Page - Cirrus Logic CS5484 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
CS5484
DS981F3
41
6.6.6 Pulse Output Width (PulseWidth) – Page 0, Address 8
Default = 0x00 0001 (265.6µs at OWR = 4kHz)
PulseWidth sets the energy pulse frequency range and the duration of energy pulses.
The actual pulse duration is 250µs plus the contents of PulseWidth divided by 64,000. PulseWidth is an inte-
ger in the range of 1 to 65,535.
[23:20]
Reserved.
FREQ_RNG[3:0]
Energy pulse (PulseRate) frequency range for 0.1% resolution.
0000 = Freq. range:
2kHz–0.238Hz (Default)
0001 = Freq. range:
1kHz–0.1192Hz
0010 = Freq. range:
500 Hz–0.0596Hz
0011 = Freq. range:
250Hz–0.0298Hz
0100 = Freq. range:
125 Hz–0.0149Hz
0101 = Freq. range:
62.5 Hz–0.00745Hz
0110 = Freq. range:
31.25Hz–0.003725Hz
0111 = Freq. range:
15.625Hz–0.0018626Hz
1000 = Freq. range:
7.8125Hz–0.000931323Hz
1001 = Freq. range:
3.90625Hz–0.000465661Hz
1010 = Reserved
...
1111 = Reserved
PW[15:0]
Energy Pulse Width.
6.6.7 Pulse Output Rate (PulseRate) – Page 18, Address 28
Default= 0x80 0000
PulseRate sets the full-scale frequency for the energy pulse outputs.
For a 4 kHz OWR rate, the maximum pulse rate is 2kHz. This is a two's complement value in the range of
-1
value1, with the binary point to the left of the MSB.
Refer to section 5.5 Energy Pulse Generation on page 22 for more information.
23
22
21
20
19
18
17
16
-
-
-
-
FREQ_RNG[3] FREQ_RNG[2] FREQ_RNG[1] FREQ_RNG[0]
15
14
13
12
11
10
9
8
PW[15]
PW[14]
PW[13]
PW[12]
PW[11]
PW[10]
PW[9]
PW[8]
7
654
32
10
PW[7]
PW[6]
PW[5]
PW[4]
PW[3]
PW[2]
PW[1]
PW[0]
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com