Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 5Page - Cirrus Logic CS5484 Datasheet HTML 6Page - Cirrus Logic CS5484 Datasheet HTML 7Page - Cirrus Logic CS5484 Datasheet HTML 8Page - Cirrus Logic CS5484 Datasheet HTML 9Page - Cirrus Logic CS5484 Datasheet HTML 10Page - Cirrus Logic CS5484 Datasheet HTML 11Page - Cirrus Logic CS5484 Datasheet HTML 12Page - Cirrus Logic CS5484 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
CS5484
DS981F3
9
3. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
POWER MEASUREMENT CHARACTERISTICS
Notes:
1.
Specifications guaranteed by design and characterization.
2.
Active energy is tested with power factor (PF) = 1.0. Reactive energy is tested with Sin(
) = 1.0. Energy error measured at
system level using a single energy pulse. Where: 1) One energy pulse = 0.5Wh or 0.5Varh; 2) VDDA = +3.3V, TA = 25°C, MCLK
= 4.096MHz; 3) System is calibrated.
3.
Calculated using register values; N
≥4000.
4.
IRMS error calculated using register values. 1) VDDA = +3.3V; TA = 25°C; MCLK = 4.096MHz; 2) AC offset calibration applied.
TYPICAL LOAD PERFORMANCE
• Energy error measured at system level using single energy pulse; where one energy pulse = 0.5Wh or 0.5Varh
•IRMS error calculated using register values
• VDDA = +3.3V; TA = 25°C; MCLK = 4.096MHz
Parameter
Symbol
Min
Typ
Max
Unit
Positive Analog Power Supply
VDDA
3.0
3.3
3.6
V
Specified Temperature Range
TA
-40
-
+85
°C
Parameter
Symbol
Min
Typ
Max
Unit
Active Energy
All Gain Ranges
(Note 1 and 2)
Current Channel Input Signal Dynamic Range 4000:1
PAvg
-±0.1
-
%
Reactive Energy
All Gain Ranges
(Note 1 and 2)
Current Channel Input Signal Dynamic Range 4000:1
QAvg
-±0.1
-
%
Apparent Power
All Gain Ranges
(Note 1 and 3)
Current Channel Input Signal Dynamic Range 1000:1
S-
±0.1
-
%
Current RMS
All Gain Ranges
(Note 1, 3, and 4)
Current Channel Input Signal Dynamic Range 1000:1
IRMS
-±0.1
-
%
Voltage RMS
(Note 1 and 3)
Voltage Channel Input Signal Dynamic Range 20:1
VRMS
-±0.1
-
%
Power Factor
All Gain Ranges
(Note 1 and 3)
Current Channel Input Signal Dynamic Range 1000:1
PF
-
±0.1
-
%
-1
-0.5
0
0.5
1
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Current Dynamic Range (x : 1)
Lagging PF = 0.5
Leading PF = 0.5
PF = 1
Figure 4. Active Energy Load Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com