Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 59Page - Cirrus Logic CS5484 Datasheet HTML 60Page - Cirrus Logic CS5484 Datasheet HTML 61Page - Cirrus Logic CS5484 Datasheet HTML 62Page - Cirrus Logic CS5484 Datasheet HTML 63Page - Cirrus Logic CS5484 Datasheet HTML 64Page - Cirrus Logic CS5484 Datasheet HTML 65Page - Cirrus Logic CS5484 Datasheet HTML 66Page - Cirrus Logic CS5484 Datasheet HTML 67Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
CS5484
DS981F3
65
8. BASIC APPLICATION CIRCUITS
Figure 25 shows the CS5484 configured to measure
power in a single-phase, 3-wire system with two
voltages and two currents. In this diagram, current
transformers (CTs) are used to sense the line load
currents, and resistive voltage dividers are used to
sense the line voltage.
CT
CT
5 x 250K
1K
CS5484
27nF
27nF
1K
1K
L1
L2
N
VIN2-
VIN2+
IIN1+
IIN1-
IIN2+
IIN2-
Application
Processor
RESET
RX
TX
GNDA GNDD
DO3
DO1
DO2
VDDA
+3.3V
0.1uF
0.1uF
+3.3V
VDDD
+3.3V
VREF-
VREF+
0.1uF
27nF
27nF
1K
1K
½ R BURDEN
Wh
Varh
4.096MHz
XIN
XOUT
27nF
27nF
1K
SSEL
Interrupt
½ R BURDEN
½ R BURDEN
½ R BURDEN
MODE
VIN1+
VIN1-
27nF
27nF
1K
5 x 250K
1K
Zero Crossings
DO4
+3.3V
LOA D
LOA D
0.1 uF
10K
+3.3V
CS
Figure 25. Typical Connection (Single-phase, 3-wire, 12S Electricity Meter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com