Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 2Page - Cirrus Logic CS5484 Datasheet HTML 3Page - Cirrus Logic CS5484 Datasheet HTML 4Page - Cirrus Logic CS5484 Datasheet HTML 5Page - Cirrus Logic CS5484 Datasheet HTML 6Page - Cirrus Logic CS5484 Datasheet HTML 7Page - Cirrus Logic CS5484 Datasheet HTML 8Page - Cirrus Logic CS5484 Datasheet HTML 9Page - Cirrus Logic CS5484 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
CS5484
6
DS981F3
2. PIN DESCRIPTIONS
Digital Pins and Serial Data I/O
Digital Outputs
15,16,
17,18
DO1, DO2, DO3, DO4 — Configurable digital outputs for energy pulses, interrupt, energy
direction, and zero-crossings.
Reset
2
RESET — An active-low Schmitt-trigger input used to reset the chip.
Serial Data I/O
19,20
TX/SDO, RX/SDI — UART/SPI serial data output/input.
Serial Clock Input
21
SCLK — Serial clock for the SPI.
Chip Select
22
CS — Chip select for the UART/SPI.
Serial Mode Select
23
SSEL — Selects the type of serial interface, UART or SPI™. Logic level one - UART
selected. Logic level zero - SPI selected.
Operating Mode Select
24
MODE — Connect to VDDA for proper operation.
Analog Inputs/Outputs
Voltage Inputs
7,8,6,5
VIN1+, VIN1-, VIN2+, VIN2- — Differential analog inputs for the voltage channels.
Current Inputs
4,3,10,9 IIN1+, IIN1-, IIN2+, IIN2- — Differential analog inputs for the current channels.
Voltage Reference Input
12,11
VREF+, VREF- — The internal voltage reference. A 0.1µF bypass capacitor is required
between these two pins.
Power Supply Connections
Internal Digital Supply
27
VDDD — Decoupling pin for the internal 1.8V digital supply. A 0.1µF bypass capacitor is
required between this pin and GNDD.
Digital Ground
26
GNDD — Digital ground.
Positive Analog Supply
14
VDDA — The positive 3.3V analog supply.
Analog Ground
13
GNDA — Analog ground.
Clock Generator
Crystal In
Crystal Out
1,28
XIN, XOUT — Connect to an external quartz crystal. Alternatively, an external clock can be
supplied to the XIN pin to provide the system clock for the device.
CPU Clock Output
25
CPUCLK — Output of on-chip oscillator which can drive one standard CMOS load.
Thermal Pad
-
No Electrical Connection.
9
8
7
6
5
4
3
2
1
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Top-Down View
28-pin QFN Package
Thermal Pad
XIN
RESET
IIN1-
IIN1+
VIN2-
VIN2+
VIN1+
SCLK
RX/SDI
TX/SDO
DO4
DO3
DO2
DO1
Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com