Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5484 Datasheet HTML 1Page - Cirrus Logic CS5484 Datasheet HTML 2Page - Cirrus Logic CS5484 Datasheet HTML 3Page - Cirrus Logic CS5484 Datasheet HTML 4Page - Cirrus Logic CS5484 Datasheet HTML 5Page - Cirrus Logic CS5484 Datasheet HTML 6Page - Cirrus Logic CS5484 Datasheet HTML 7Page - Cirrus Logic CS5484 Datasheet HTML 8Page - Cirrus Logic CS5484 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
CS5484
DS981F3
5
1. OVERVIEW
The CS5484 is a CMOS power measurement integrated circuit using four
 analog-to-digital converters
to measure two line voltages and two currents. Optionally, voltage2 channel can be used for temperature
measurement. It calculates active, reactive, and apparent power as well as RMS voltage and current and
peak voltage and current. It handles other system-related functions, such as energy pulse generation,
voltage sag and swell, overcurrent and zero-crossing detection, and line frequency measurement.
The CS5484 is optimized to interface to current transformers, shunt resistors, or Rogowski coils for
current measurement and to resistive dividers or voltage transformers for voltage measurement. Two
full-scale ranges are provided on the current inputs to accommodate different types of current sensors.
The CS5484’s four differential inputs have a common-mode input range from analog ground (GNDA) to
the positive analog supply (VDDA).
An on-chip voltage reference (typically 2.4 volts) is generated and provided at analog output, VREF±.
Four digital outputs (DO1, DO2, DO3, and DO4) provide a variety of output signals, and depending on the
mode selected, provide energy pulses, zero-crossings, or other choices.
The CS5484 includes a UART/SPI™ serial host interface to an external microcontroller. The serial select
(SSEL) pin is used to configure the serial port to be a SPI or UART. SPI signals include serial data input
(SDI), serial data output (SDO), and serial clock (SCLK). UART signals include serial data input (RX) and
serial data output (TX). A chip select (CS) signal allows multiple CS5484s to share the same serial
interface with the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com