Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 24Page - Cirrus Logic CS5484 Datasheet HTML 25Page - Cirrus Logic CS5484 Datasheet HTML 26Page - Cirrus Logic CS5484 Datasheet HTML 27Page - Cirrus Logic CS5484 Datasheet HTML 28Page - Cirrus Logic CS5484 Datasheet HTML 29Page - Cirrus Logic CS5484 Datasheet HTML 30Page - Cirrus Logic CS5484 Datasheet HTML 31Page - Cirrus Logic CS5484 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
CS5484
28
DS981F3
Table 3. Instruction Format
6.1.3 Checksum
To improve the communication reliability on the serial
interface, the CS5484 provides a checksum mechanism
on transmitted and received signals. Checksum is
disabled by default but can be enabled by setting the
appropriate bit in the SerialCtrl register. When enabled,
both host and CS5484 are expected to send one
additional checksum byte after the normal command
byte and applicable 3-byte register data has been
transmitted.
The checksum is calculated by subtracting each
transmit byte from 0xFF. Any overflow is truncated and
the result wraps. The CS5484 executes the command
only if the checksum transmitted by the host matches
the checksum calculated locally. Otherwise, it sets a
status bit (RX_CSUM_ERR in the Status0 register),
ignores the command, and clears the serial interface in
preparation for the next transmission.
Figure 22. Byte Sequence for Checksum
6.1.4 Serial Time Out
In case a transaction from the host is not completed (for
example, a data byte is missing in a register write), a
time out circuit will reset the interface after 128ms. This
will require that each byte be sent from the host within
128ms of the previous byte.
Function
Binary Value
Note
Controls
0 C4 C3 C2 C1 C0
0 00001 - Software Reset
0 00010 - Standby
0 00011 - Wakeup
0 10100 - Single Conv.
0 10101 - Continuous Conv.
0 11000 - Halt Conv.
C[5] specifies the
instruction type:
0 = Controls
1 = Calibrations
Calibrations
1 C4 C3 C2 C1 C0
1 00
C2C1C0
DC Offset
1 10
C2C1C0
AC Offset*
1 11
C2C1C0
Gain
For calibrations,
C[4:3] specifies the
type of calibration.
*AC Offset calibra-
tion valid only for cur-
rent channel
1C4 C3 C2 C1 C0
1 C4C3 0 0 1
I1
1 C4C3 0 1 0
V1
1 C4C3 0 1 1
I2
1 C4C3 1 0 0
V2
1 C4C3 1 1 0
All Four
For calibrations,
C[2:0] specifies the
channel(s).
SDI/RX
Checksum
Page Select Cmd.
SDO/TX
SDI/RX
CHECKSUM
DATA
DATA
DATA
CHECKSUM
Read Cmd.
SDI/RX
DATA
DATA
DATA
CHECKSUM
Write Cmd.
SDI/RX
Checksum
Instruction
Page Select
Instruction
Read Command
Write Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com