Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 52Page - Cirrus Logic CS5484 Datasheet HTML 53Page - Cirrus Logic CS5484 Datasheet HTML 54Page - Cirrus Logic CS5484 Datasheet HTML 55Page - Cirrus Logic CS5484 Datasheet HTML 56Page - Cirrus Logic CS5484 Datasheet HTML 57Page - Cirrus Logic CS5484 Datasheet HTML 58Page - Cirrus Logic CS5484 Datasheet HTML 59Page - Cirrus Logic CS5484 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
CS5484
56
DS981F3
6.6.52 Peak Current 1 (I1PEAK) – Page 0, Address 37
Default = 0x00 0000
Peak current1 (I1PEAK) contains the value of the instantaneous current 1 sample with the greatest magnitude
detected during the last low-rate interval.
This is a two's complement value in the range of -1.0
 value1.0, with the binary point to the right of the MSB.
6.6.53 Peak Voltage 1 (V1PEAK) – Page 0, Address 36
Default = 0x00 0000
Peak voltage 1 (V1PEAK) contains the value of the instantaneous voltage 1 sample with the greatest magni-
tude detected during the last low-rate interval.
This is a two's complement value in the range of -1.0
 value 1.0, with the binary point to the right of the MSB.
6.6.54 Apparent Power 1 (S1) – Page 16, Address 20
Default = 0x00 0000
Apparent power 1 (S1) is the product of V1RMS and I1RMS or SQRT(P1AVG2 + Q1AVG2).
This is an unsigned value in the range of 0
value 1.0, with the binary point to the right of the MSB.
6.6.55 Power Factor 1 (PF1) – Page 16, Address 21
Default = 0x00 0000
Power factor 1 (PF1) is calculated by dividing active power 1 (P1AVG) by apparent power 1 (S1).
The sign is determined by the active power (P1AVG) sign.
This is a two's complement value in the range of -1.0
 value 1.0, with the binary point to the right of the MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com