Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 10Page - Cirrus Logic CS5484 Datasheet HTML 11Page - Cirrus Logic CS5484 Datasheet HTML 12Page - Cirrus Logic CS5484 Datasheet HTML 13Page - Cirrus Logic CS5484 Datasheet HTML 14Page - Cirrus Logic CS5484 Datasheet HTML 15Page - Cirrus Logic CS5484 Datasheet HTML 16Page - Cirrus Logic CS5484 Datasheet HTML 17Page - Cirrus Logic CS5484 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
CS5484
14
DS981F3
SWITCHING CHARACTERISTICS
• Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
• Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
• VDDA = +3.3V ±10%; GNDA = GNDD = 0V. All voltages with respect to 0V.
• Logic Levels: Logic 0 = 0V, Logic 1 = VDDA.
Notes:
13.
Specified using 10% and 90% points on waveform of interest. Output loaded with 50pF.
14.
Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external clock source.
15.
The maximum SCLK is 2MHz during a byte transaction. The minimum 1µs idle time is required on the SCLK between two
consecutive bytes.
Parameter
Symbol
Min
Typ
Max
Unit
Rise Times
DO1-DO4
(Note 13)
Any Digital Output Except DO1-DO4
trise
-
-
-
50
1.0
-
µs
ns
Fall Times
DO1-DO4
(Note 13)
Any Digital Output Except DO1-DO4
tfall
-
-
-
50
1.0
-
µs
ns
Start-up
Oscillator Start-up Time
XTAL = 4.096 MHz (Note 14)
tost
-60-
ms
SPI Timing
Serial Clock Frequency
(Note 15)
SCLK
-
-
2
MHz
Serial Clock
Pulse Width High
Pulse Width Low
t1
t2
200
200
-
-
-
-
ns
ns
CS Enable to SCLK Falling
t3
50
-
-
ns
Data Set-up Time prior to SCLK Rising
t4
50
-
-
ns
Data Hold Time After SCLK Rising
t5
100
-
-
ns
SCLK Rising Prior to CS Disable
t6
1-
-
µs
SCLK Falling to New Data Bit
t7
--
150
ns
CS Rising to SDO Hi-Z
t8
--
250
ns
UART Timing
CS Enable to RX START bit
t9
5-
-
ns
STOP bit to CS Disable
t10
1-
-
µs
CS Disable to TX IDLE Hold Time
t11
--
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com