Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 15Page - Cirrus Logic CS5484 Datasheet HTML 16Page - Cirrus Logic CS5484 Datasheet HTML 17Page - Cirrus Logic CS5484 Datasheet HTML 18Page - Cirrus Logic CS5484 Datasheet HTML 19Page - Cirrus Logic CS5484 Datasheet HTML 20Page - Cirrus Logic CS5484 Datasheet HTML 21Page - Cirrus Logic CS5484 Datasheet HTML 22Page - Cirrus Logic CS5484 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
CS5484
DS981F3
19
4.8.2 Line-cycle Synchronized Averaging
When operating in Line-cycle Synchronized Averaging
mode, and when line frequency measurement is
enabled (see section 5.4 Line Frequency Measurement
on page 22), the CS5484 uses the voltage (V) channel
zero crossings and measured line frequency to
automatically adjust N such that the averaging period
will be equal to the number of half line-cycles in the
CycleCount register. For example, if the line frequency
is 51Hz, and the CycleCount register is set to 100, N will
be
4000
(100/2)/51 = 3921
during
continuous
conversion. N is self-adjusted according to the line
frequency, therefore the averaging period is always
close to the whole number of half line-cycles, and the
low-rate calculation results will minimize ripple and
maximize resolution, especially when the line frequency
varies. Before starting a low-rate conversion in the
Line-cycle
Synchronized
Averaging
mode,
the
SampleCount register should not be changed from its
default value of 4000, and bit AFC of the Config2
register must be set. During continuous conversion, the
host processor should not change the SampleCount
register.
4.8.3 RMS Current and Voltage
The root mean square (RMS in Figure 11) calculations
are performed on N instantaneous current and voltage
samples using Equation 1:
4.8.4 Active Power
The instantaneous voltage and current samples are
multiplied to obtain the instantaneous power (P1, P2)
(see Figures 9 and 10). The product is then averaged
over N samples to compute active power (P1AVG,
P2AVG).
4.8.5 Reactive Power
Instantaneous reactive power (Q1, Q2) are sample rate
results obtained by multiplying instantaneous current
(I1, I2) by instantaneous quadrature voltage (V1Q,
V2Q),
which
are
created
by
phase
shifting
instantaneous voltage (V1, V2) 90 degrees using
first-order integrators (see Figures 9 and 10). The gain
of these integrators is inversely related to line
frequency, so their gain is corrected by the Epsilon
register, which is based on line frequency. Reactive
power (Q1AVG, Q2AVG) is generated by integrating the
instantaneous quadrature power over N samples.
4.8.6 Apparent Power
By default, the CS5484 calculates the apparent power
(S1, S2) as the product of RMS voltage and current, as
shown in Equation 2:
The CS5484 also provides an alternate apparent power
calculation method. The alternate apparent power
method uses real power (P1AVG, P2AVG) and reactive
power (Q1AVG, Q2AVG) to calculate apparent power.
See Equation 3:
The APCM bit in the Config2 register controls which
method is used for apparent power calculation.
4.8.7 Peak Voltage and Current
Peak current (I1PEAK, I2PEAK) and peak voltage
(V1PEAK, V2PEAK) are calculated over N samples and
recorded in the corresponding channel peak register
documented in the register map. This peak value is up-
dated every N samples.
4.8.8 Power Factor
Power factor (PF1, PF2) is active power divided by ap-
parent power. The sign of the power factor is deter-
mined by the active power. See Equation 4:
RMS
In
2
n0
=
N1
–
N
--------------------
=
VRMS
Vn
2
n0
=
N1
–
N
----------------------
=
[Eq: 1]
SVRMS IRMS
=
[Eq: 2]
SQAVG2 PAVG2
+
=
[Eq: 3]
PF
PACTIVE
S
----------------------
=
[Eq: 4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com