Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 56Page - Cirrus Logic CS5484 Datasheet HTML 57Page - Cirrus Logic CS5484 Datasheet HTML 58Page - Cirrus Logic CS5484 Datasheet HTML 59Page - Cirrus Logic CS5484 Datasheet HTML 60Page - Cirrus Logic CS5484 Datasheet HTML 61Page - Cirrus Logic CS5484 Datasheet HTML 62Page - Cirrus Logic CS5484 Datasheet HTML 63Page - Cirrus Logic CS5484 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
CS5484
60
DS981F3
6.6.68 Average Active Power Offset (P1OFF, P2OFF) – Page 16, Address 36, 43
Default = 0x00 0000
Average Active Power offset P1OFF (P2OFF) is added to averaged power to yield P1AVG (P2AVG) register re-
sults. It can be used to reduce systematic energy errors. These are two's complement values in the range of
-1.0
 value 1.0, with the binary point to the right of the MSB.
6.6.69 Average Reactive Offset (Q1OFF , Q2OFF) – Page 16, Address 38, 45
Default = 0x00 0000
Average Reactive Power offset Q1OFF (Q2OFF) is added to averaged reactive power to yield Q1AVG (Q2AVG)
register results. It can be used to reduce systematic energy errors. These are two's complement values in the
range of -1.0
 value 1.0, with the binary point to the right of the MSB.
6.6.70 AC Offset for Current (I1ACOFF, I2ACOFF ) – Page 16, Address 37, 44
Default = 0x00 0000
AC offset registers I1ACOFF and I2ACOFF are initialized to zero on reset. They are used to reduce systematic
errors in the RMS results.These are unsigned values in the range of 0
 value  1.0, with the binary point to
the left of the MSB.
6.6.71 Temperature Gain (TGAIN) – Page 16, Address 54
Default = 0x 06 B716
Register TGAIN is used to scale the Temperature register (T), and is an unsigned fixed-point value in the range
of 0.0
value256.0, with the binary point to the right of bit 16.
Register T can be rescaled by the application using the TGAIN and TOFF registers. Refer to section 7.3 Tem-
perature Sensor Calibration on page 65 for more information.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
.....
2-18
2-19
2-20
2-21
2-22
2-23
2-24
MSB
LSB
27
26
25
24
23
22
21
20
.....
2-10
2-11
2-12
2-13
2-14
2-15
2-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com