Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 43Page - Cirrus Logic CS5484 Datasheet HTML 44Page - Cirrus Logic CS5484 Datasheet HTML 45Page - Cirrus Logic CS5484 Datasheet HTML 46Page - Cirrus Logic CS5484 Datasheet HTML 47Page - Cirrus Logic CS5484 Datasheet HTML 48Page - Cirrus Logic CS5484 Datasheet HTML 49Page - Cirrus Logic CS5484 Datasheet HTML 50Page - Cirrus Logic CS5484 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
CS5484
DS981F3
47
6.6.16 Line to Sample Frequency Ratio (Epsilon) – Page 16, Address 49
Default = 0x01 999A (0.0125 or 50Hz/4.0kHz)
Epsilon is the ratio of the input line frequency to the OWR.
It can either be written by the application program or calculated automatically from the line frequency (from
the voltage channel 1 input) using the AFC bit in the Config2 register. It is a two's complement value in the
range of -1.0
 value  1.0, with the binary point to the right of the MSB. Negative values are not used.
6.6.17 No-Load Threshold (LoadMIN) – Page 16, Address 58
Default = 0x00 0000
LoadMIN is used to set the no-load threshold for the anti-creep function.
When the magnitudes of PSUM and QSUM are less than LoadMIN, PSUM and QSUM are forced to zero. When
the magnitude of SSUM is less than LoadMIN, SSUM is forced to zero.
LoadMIN is a two’s complement value in the range of -1.0  value  1.0, with the binary point to the right of the
MSB. Negative values are not used.
6.6.18 Sample Count (SampleCount) – Page 16, Address 51
Default = 0x00 0FA0 (4000)
Determines the number of OWR samples to use in calculating low-rate results.
SampleCount (N) is an integer in the range of 100 to 8,388,607. Values less than 100 should not be used.
6.6.19 Cycle Count (CycleCount) – Page 18, Address 62
Default = 0x00 0064 (100)
Determines the number of half-line cycles to use in calculating low-rate results when the CS5484 is in Line-cy-
cle Synchronized Averaging mode.
CycleCount is an integer in the range of 1 to 8,388,607. Zero should not be used.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com