Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 31Page - Cirrus Logic CS5484 Datasheet HTML 32Page - Cirrus Logic CS5484 Datasheet HTML 33Page - Cirrus Logic CS5484 Datasheet HTML 34Page - Cirrus Logic CS5484 Datasheet HTML 35Page - Cirrus Logic CS5484 Datasheet HTML 36Page - Cirrus Logic CS5484 Datasheet HTML 37Page - Cirrus Logic CS5484 Datasheet HTML 38Page - Cirrus Logic CS5484 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
CS5484
DS981F3
35
6.6 Register Descriptions
1.
“Default” = bit states after power-on or reset
2.
DO NOT write a “1” to any unpublished register bit or to a bit published as “0”.
3.
DO NOT write a “0” to any bit published as “1”.
4.
DO NOT write to any unpublished register address.
6.6.1 Configuration 0 (Config0) – Page 0, Address 0
Default = 0x40 0000
TSEL
Selects between Voltage Channel2 and Temperature.
0 = Selects Voltage Channel 2 (Default)
1 = Selects Temperature Sensor
[22]
Reserved.
iCPUCLK
CPU clock inversion control.
0 = CPU clock is same as MCLK (Default)
1 = Invert CPU clock to pin (CPU clock is inversion of MCLK)
CUCLK_ON
Enable CPUCLK to pad.
0 = Disable CPUCLK to pin (Default)
1 = Enable CPUCLK to pin
[19:15]
Reserved.
V2CAP[1:0]
Select the internal sampling capacitor size for V2 channel. Must be set to 00 for voltage
measurement.
00 = V2 used for voltage measurement (Default)
01 = V2 used for temperature measurement
10 = Reserved
11 = Reserved
[12:9]
Reserved.
INT_POL
Interrupt Polarity.
0 = Active low (Default)
1 = Active high
I2PGA[1:0]
Select PGA gain for I2 channel.
00 = 10x gain (Default)
10 = 50x gain
I1PGA[1:0]
Select PGA gain for I1 channel.
00 = 10x gain (Default)
10 = 50x gain
[3]
Reserved.
23
22
21
20
19
18
17
16
TSEL
1
iCPUCLK
CPUCLK_ON
-
-
-
-
15
14
13
12
11
10
9
8
-
V2CAP[1]
V2CAP[0]
0
0
-
-
INT_POL
7
654
32
1
0
I2PGA[1]
I2PGA[0]
I1PGA[1]
I1PGA[0]
-
NO_OSC
IZX_CH
VZX_CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com