Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 44Page - Cirrus Logic CS5484 Datasheet HTML 45Page - Cirrus Logic CS5484 Datasheet HTML 46Page - Cirrus Logic CS5484 Datasheet HTML 47Page - Cirrus Logic CS5484 Datasheet HTML 48Page - Cirrus Logic CS5484 Datasheet HTML 49Page - Cirrus Logic CS5484 Datasheet HTML 50Page - Cirrus Logic CS5484 Datasheet HTML 51Page - Cirrus Logic CS5484 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
CS5484
48
DS981F3
6.6.20 Filter Settling Time for Conversion Startup (TSETTLE) – Page 16, Address 57
Default = 0x00 001E (30)
Sets the number of OWR samples that will be used to allow filters to settle at the beginning of Conversion and
Calibration commands.
This is an integer in the range of 0 to 16,777,215 samples.
6.6.21 System Gain (SysGAIN) – Page 16, Address 60
Default = 0x50 0000 (1.25)
System Gain (SysGAIN) is applied to all channels.
By default, SysGAIN = 1.25 but can be finely adjusted to compensate for voltage reference error. It is a two's
complement value in the range of -2.0
 value 2.0, with the binary point to the right of the second MSB. Val-
ues should be kept within 5% of 1.25.
6.6.22 Rogowski Coil Integrator Gain (IntGAIN) – Page 18, Address 43
Default = 0x14 3958
Gain for the Rogowski coil integrator. This must be programmed accordingly for 50Hz and 60Hz (0.158 for
50Hz, 0.1875 for 60Hz).
This is a two's complement value in the range of -1.0
 value  1.0, with the binary point to the right of the MSB.
Negative values are not used.
6.6.23 System Time (Time) – Page 16, Address 61
Default = 0x00 0000
System Time (Time) is measured in OWR samples.
This is an unsigned integer in the range of 0 to 16,777,215 samples. At OWR = 4.0kHz, OWR will overflow
every 1 hour, 9 minutes, 54 seconds. Time can be used by the application to manage real-time events.
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(21)20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com