Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5484 Datasheet HTML 1Page - Cirrus Logic CS5484 Datasheet HTML 2Page - Cirrus Logic CS5484 Datasheet HTML 3Page - Cirrus Logic CS5484 Datasheet HTML 4Page - Cirrus Logic CS5484 Datasheet HTML 5Page - Cirrus Logic CS5484 Datasheet HTML 6Page - Cirrus Logic CS5484 Datasheet HTML 7Page - Cirrus Logic CS5484 Datasheet HTML 8Page - Cirrus Logic CS5484 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Copyright
 Cirrus Logic, Inc. 2013
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS5484
Four Channel Energy Measurement IC
Features & Description
•
Superior Analog Performance with Ultra-low Noise Level
and High SNR
•
Energy Measurement Accuracy of 0.1% over 4000:1
Dynamic Range
•
Current RMS Measurement Accuracy of 0.1% over 1000:1
Dynamic Range
•
4 Independent 24-bit, 4th-order, Delta-Sigma Modulators
for Voltage and Current Measurements
•
4 Configurable Digital Outputs for Energy Pulses,
Zero-crossing, or Energy Direction
•
Supports Shunt Resistor, CT, and Rogowski Coil Current
Sensors
•
On-chip Measurements/Calculations:
- Active, Reactive, and Apparent Power
- RMS Voltage and Current
- Power Factor and Line Frequency
- Instantaneous Voltage, Current, and Power
•
Overcurrent, Voltage Sag, and Voltage Swell Detection
•
Ultra-fast On-chip Digital Calibration
•
Internal Register Protection via Checksum and Write
Protection
•
UART/SPI™ Serial Interface
•
On-chip Temperature Sensor
•
On-chip Voltage Reference (25ppm/°C Typ.)
•
Single 3.3V Power Supply
•
Ultra-fine Phase Compensation
•
Low Power Consumption: <13mW
•
Power Supply Configurations
- GNDA = GNDD = 0V, VDDA = +3.3V
•
5mmx5mm 28-pin QFN Package
ORDERING INFORMATION
See Page 68.
Description
The CS5484 is a high-accuracy, four-channel, energy
measurement analog front end.
The CS5484 incorporates independent 4th order Delta-Sigma
analog-to-digital converters for every channel, reference
circuitry, and the proven EXL signal processing core to provide
active, reactive, and apparent energy measurement. In
addition, RMS and power factor calculations are available.
Calculations are output through a configurable energy pulse,
or direct UART/SPI™ serial access to on-chip registers.
Instantaneous current, voltage, and power measurements are
also available over the serial port. Multiple serial options are
offered to allow customer flexibility. The SPI provides higher
speed, and the 2-wire UART minimizes the cost of isolation
where required.
Four configurable digital outputs provide energy pulses,
zero-crossing, energy direction, and interrupt functions.
Interrupts can be generated for a variety of conditions
including voltage sag or swell, overcurrent, and more. On-chip
register integrity is assured via checksum and write protection.
The CS5484 is designed to interface to a variety of voltage and
current
sensors
including
shunt
resistors,
current
transformers, and Rogowski coils.
On-chip functionality makes digital calibration simple and
ultra-fast, minimizing the time required at the end of the
customer production line. Performance across temperature is
ensured with an on-chip voltage reference with low drift. A
single 3.3V power supply is required, and power consumption
is low at <13mW. To minimize space requirements, the
CS5484 is offered in a low-cost, 5mm x5mm 28-pin QFN
package.
VDDA
TX / SDO
RX / SDI
UART/SPI
Serial
Interface
Configurable
Digital
Outputs
RESET
Calculation
4th Order

Modulator
HPF
Option
DO1
DO2
HPF
Option
VREF+
VDDD
VREF-
System
Clock
IIN2+
IIN2-
PGA
IIN1+
IIN1-
PGA
10x
CS5484
CS
SCLK
SSEL
DO3
VIN1+
VIN1-
10x
VIN2+
VIN2-
Digital
Filter
Digital
Filter
DO4
MODE
HPF
Option
Digital
Filter
HPF
Option
Digital
Filter
M
U
X
4th Order

Modulator
4th Order

Modulator
4th Order

Modulator
GNDA
GNDD
Voltage
Reference
Temperature
Sensor
XIN
XOUT CPUCLK
Clock
Generator
MAR’13
DS981F3


Similar Part No. - CS5484

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5484-INZ APEX-CS5484-INZ Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5484-INZR APEX-CS5484-INZR Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
More results

Similar Description - CS5484

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5467 CIRRUS-CS5467 Datasheet
746Kb / 46P
Four-channel Power/Energy IC
CS5467 CIRRUS-CS5467_07 Datasheet
750Kb / 46P
Four-channel Power / Energy IC
logo
Teridian Semiconductor ...
78M6618 TERIDIAN-78M6618 Datasheet
426Kb / 32P
Octal Power and Energy Measurement IC
logo
Cirrus Logic
CS5467 CIRRUS-CS5467_11 Datasheet
381Kb / 46P
Four-channel Power/Energy IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
Three Channel Energy Measurement IC
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
Two Channel Energy Measurement IC
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
Octal Power and Energy Measurement IC
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com