Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 14Page - Cirrus Logic CS5484 Datasheet HTML 15Page - Cirrus Logic CS5484 Datasheet HTML 16Page - Cirrus Logic CS5484 Datasheet HTML 17Page - Cirrus Logic CS5484 Datasheet HTML 18Page - Cirrus Logic CS5484 Datasheet HTML 19Page - Cirrus Logic CS5484 Datasheet HTML 20Page - Cirrus Logic CS5484 Datasheet HTML 21Page - Cirrus Logic CS5484 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
CS5484
18
DS981F3
Fine phase compensation control bits, FPCCx[8:0],
provide up to 1/OWR delay in the current channel.
Coarse phase compensation control bits, CPCCx[1:0],
provide an additional 1/OWR delay in the current
channels or up to 2/OWR delay in the voltage channel.
Negative delay in the voltage channel can be
implemented by setting longer delay in the current
channel than the voltage channel. For a OWR of
4000Hz, the delay range is ±500µs, a phase shift of
±8.99° at 50Hz and ±10.79° at 60 Hz. The step size is
0.008789° at 50 Hz and 0.010547° at 60Hz.
4.5 DC Offset and Gain Correction
The system and CS5484 inherently have component
tolerances, gain, and offset errors, which can be
removed using the gain and offset registers. Each
measurement channel has its own set of gain and offset
registers. For every instantaneous voltage and current
sample, the offset and gain values are used to correct
DC offset and gain errors in the channel (see section 7.
System Calibration on page 62 for more details).
4.6 High-pass and Phase Matching Filters
Optional high-pass filters (HPF in Figures 9 and 10)
remove any DC component from the selected signal
paths. Each power calculation contains a current and
voltage channel. If an HPF is enabled in only one
channel, a phase-matching filter (PMF) should be
applied to the other channel to match the phase
response of the HPF. For AC power measurement,
high-pass filters should be enabled on the voltage and
current channels. For information about how to enable
and disable the HPF or PMF on each channel, refer to
section 6.6.3 Configuration 2 (Config2) – Page 16,
Address 0 on page 38.
4.7 Digital Integrators
Optional digital integrators (INT in Figures 9 and 10) are
implemented on both current channels (I1, I2) to
compensate for the 90º phase shift and 20dB/decade
gain generated by the Rogowski coil current sensor.
When a Rogowski coil is used as the current sensor, the
integrator (INT) should be enabled on that current
channel. For information about how to enable and
disable the INT on each current channel, refer to section
6.6.3 Configuration 2 (Config2) – Page 16, Address 0 on
page 38.
4.8 Low-rate Calculations
All the RMS and power results come from low-rate cal-
culations by averaging the output word rate (OWR) in-
stantaneous values over N samples, where N is the
value stored in the SampleCount register. The low-rate
interval or averaging period is N divided by OWR
(4000Hz if MCLK = 4.096MHz).
The CS5484 provides two averaging modes for low-rate
calculations: Fixed Number of Samples Averaging
mode and Line-cycle Synchronized Averaging mode.
By default, the CS5484 averages with the Fixed Num-
ber of Samples Averaging mode. By setting the
AVG_MODE bit in the Config2 register, the CS5484 will
use the Line-cycle Synchronized Averaging mode.
4.8.1 Fixed Number of Samples Averaging
N is the preset value in the SampleCount register and
should not be set less than 100. By default, the
SampleCount is 4000. With MCLK = 4.096MHz, the
averaging period is fixed at N/4000 = 1 second,
regardless of the line frequency.
N
÷
N
N
÷
N
N
÷
N
N
÷
N
Registers
...
...
APCM
Config 2
V1(V2)
I1 (I2)
P1 (P2)
Q1 (Q2)
I1ACOFF (I2ACOFF )
S1 (S2)
PF1 (PF2)
X
I1RMS (I2RMS)
V1RMS (V2RMS)
Q1AVG (Q2AVG)
P1AVG (P2AVG)
-
+
Q1OFF (Q2OFF)
+
+
P1OFF (P2OFF)
+
+
X
X
+
+
Inverse
Figure 11. Low-rate Calculations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com