Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 18Page - Cirrus Logic CS5484 Datasheet HTML 19Page - Cirrus Logic CS5484 Datasheet HTML 20Page - Cirrus Logic CS5484 Datasheet HTML 21Page - Cirrus Logic CS5484 Datasheet HTML 22Page - Cirrus Logic CS5484 Datasheet HTML 23Page - Cirrus Logic CS5484 Datasheet HTML 24Page - Cirrus Logic CS5484 Datasheet HTML 25Page - Cirrus Logic CS5484 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
CS5484
22
DS981F3
5.4 Line Frequency Measurement
If the Automatic Frequency Calculation (AFC) bit in the
Config2 register is set, the line frequency measurement
on the voltage channel will be enabled. The line
frequency measurement is based on a number of
voltage channel zero crossings. This number is 100 by
default and configurable through the ZXNUM register
(see section 6.6.76 on page 61). The Epsilon register
will be updated automatically with the line frequency
information. The Frequency Update (FUP) bit in the
Status0 interrupt status register is set when the
frequency calculation is completed. When the line
frequency is 50Hz and the ZXNUM register is 100, the
Epsilon register is updated every one second with a
resolution of less than 0.1%. A larger zero-crossing
number in the ZXNUM register will increase line
frequency measurement resolution and the period. Note
that the CS5484 line frequency measurement function
does not support the line frequency out of the range of
40Hz to 75Hz.
The Epsilon register is also used to set the gain of the
90° phase shift filter used in the quadrature power
calculation. The value in the Epsilon register is the ratio
of the line frequency to the output word rate (OWR). For
50Hz line frequency and 4000Hz OWR, Epsilon is
50/4000 (0.0125) (the default). For 60Hz line
frequency, it is 60/4000 (0.015).
5.5 Energy Pulse Generation
The CS5484 provides four independent energy pulse
generation blocks (EPG1, EPG2, EPG3, and EPG4) in
order to simultaneously output active, reactive, and
apparent energy pulses on any of the four digital output
pins (DO1, DO2, DO3, and DO4). The energy pulse
frequency is proportional to the magnitude of the power.
The energy pulse output is commonly used as the test
output of a power meter. The host microcontroller can
also use the energy pulses to easily accumulate the
energy. Refer to Figure 14.
VZXLEVEL
IZXLEVEL
If |VPEAK|
> VZXLEVEL, then voltage zero-crossing detection is enabled.
If |IPEAK|
> IZXLEVEL, then current zero-crossing detection is enabled.
Zero-crossing output on DOx pin
Pulse width = 250μs
V(
t), I(t)
DOx
t
t
If |VPEAK|
VZXLEVEL, then voltage zero-crossing detection is disabled.
If |IPEAK|
IZXLEVEL, then current zero-crossing detection is disabled.
Figure 13. Zero-crossing Level and Zero-crossing Output on DOx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com