Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 59Page - Cirrus Logic CS5484 Datasheet HTML 60Page - Cirrus Logic CS5484 Datasheet HTML 61Page - Cirrus Logic CS5484 Datasheet HTML 62Page - Cirrus Logic CS5484 Datasheet HTML 63Page - Cirrus Logic CS5484 Datasheet HTML 64Page - Cirrus Logic CS5484 Datasheet HTML 65Page - Cirrus Logic CS5484 Datasheet HTML 66Page - Cirrus Logic CS5484 Datasheet HTML 67Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
CS5484
64
DS981F3
3) Accumulate multiple readings of the PF1 or PF2
register.
4) Calculate the average power factor, PFavg.
5) Calculate phase offset = arccos(PFavg) - 60°.
6) If the phase offset is negative, then the delay should
be added only to the current channel. Otherwise,
add more delay to the voltage channel than to the
current channel to compensate for a positive phase
offset.
Once the phase offset is known, the CPCCx and FPCCx
bits for that channel are calculated and programmed in
the PC register.
CPCCx bits are used if either:
• The phase offset is more than 1 output word rate
(OWR) sample.
• More delay is needed on the voltage channel.
The compensation resolution is 0.008789° at 50Hz and
0.010547° at 60Hz at an OWR of 4000Hz.
7.3 Temperature Sensor Calibration
Temperature sensor calibration involves the adjustment
of two parameters: temperature gain (TGAIN) and
temperature offset (TOFF). Before calibration, TGAIN
must be set to 1.0 (0x 01 0000), and TOFF must be set
to 0.0 (0x 00 0000).
7.3.1 Temperature Offset and Gain Calibration
To obtain the optimal temperature offset (TOFF) register
value and temperature (TGAIN) register value, it is
necessary to measure the temperature (T) register at a
minimum of two points (T1 and T2) across the meter
operating temperature range. The two temperature
points must be far enough apart to yield reasonable
accuracy, for example 25°C and 85°C. Obtain a linear
fit of these points (
), where the slope (m)
and intercept (b) can be obtained.
Figure 24. T Register vs. Force Temp
TOFF and TGAIN are calculated using the following
equations:
ym x b
+
=
T Register Value
Y = m • x + b
m
b
T1
T2
TOFF
b
m
-----
=
TGAIN
m
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com