Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5484 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 58Page - Cirrus Logic CS5484 Datasheet HTML 59Page - Cirrus Logic CS5484 Datasheet HTML 60Page - Cirrus Logic CS5484 Datasheet HTML 61Page - Cirrus Logic CS5484 Datasheet HTML 62Page - Cirrus Logic CS5484 Datasheet HTML 63Page - Cirrus Logic CS5484 Datasheet HTML 64Page - Cirrus Logic CS5484 Datasheet HTML 65Page - Cirrus Logic CS5484 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
CS5484
62
DS981F3
7. SYSTEM CALIBRATION
Component tolerances, residual ADC offset, and
system noise require a meter that needs to be calibrated
before it meets a specific accuracy requirement. The
CS5484 provides an on-chip calibration algorithm to
operate the system calibration quickly and easily.
Benefiting from the excellent linearity and low noise
level of the CS5484, normally a CS5484 meter only
needs one calibration at a single load point to achieve
accurate measurements over the full load range.
7.1 Calibration in General
The CS5484 provides DC offset and gain calibration
that can be applied to the instantaneous voltage and
current measurements and AC offset calibration, which
can be applied to the voltage and current RMS
calculations.
Since the voltage and current channels have
independent offset and gain registers, offset and gain
calibration can be performed on any channel
independently.
The data flow of the calibration is shown in Figure 23.
Note that in Figure 23 the AC offset registers and gain
registers affect the output results differently than the DC
offset registers. The DC offset and gain values are
applied to the voltage/current signals early in the signal
path; the DC offset register and gain register values
affect all CS5484 results. This is not true for the AC
offset correction. The AC offset registers only affect the
results of the RMS voltage and current calculations.
The CS5484 must be operating in its active state and
ready to accept valid commands. Refer to section 6.1.2
Instructions on page 27 for different calibration
commands. The value in the SampleCount register
determines the number (N) of output word rate (OWR)
samples that are averaged during a calibration. The
calibration procedure takes the time of N+TSETTLE
OWR samples. As N is increased, the calibration takes
more time, but the accuracy of the calibration results
tends to increase.
The DRDY bit in the Status0 register will be set at the
completion of calibration commands. If an overflow
occurs during calibration, other Status0 bits may be set
as well.
7.1.1 Offset Calibration
During offset calibrations, no line voltage or current
should be applied to the meter; the differential signal on
voltage inputs V1IN± (V2IN±) or current inputs IIN1±
(IIN2±) of the CS5484 should be 0V.
7.1.1.1 DC Offset Calibration
The DC offset calibration command measures and
averages DC values read on specified voltage or
current channels at zero input and stores the inverse
result in the associated offset registers. This DC offset
will be added to instantaneous measurements in
subsequent conversions, removing the offset.
The gain register for the channel being calibrated
should be set to 1.0 prior to performing DC offset
calibration.
DC offset calibration is not required if the high-pass filter
is enabled on that channel because the DC component
will be removed by the high-pass filter.*
VRMS*, IRMS*
Registers
IN
Modulator
Filter
N
* Denotes readable/writable register
Ϯ Applies only to the current path (I1, I2)
N
N
-1
N
DC
RMS
-1
RMS
0.6(Scale
*Ϯ)
V
*, I*, P*, Q*
Registers
IGAIN*, VGAIN*
Registers
IDCOFF*, VDCOFF*
Registers
IACOFF*Ϯ Register
Figure 23. Calibration Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com