Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 27 of 39
COMMON-MODE BYPASSING
Decouple the ADRF6518 common-mode pins, VICM/AC and
VOCM, to ground. Use at least one low inductance, surface-
mount ceramic capacitor with a value of 0.1 μF to decouple the
common-mode pins.
SERIAL PORT CONNECTIONS
The ADRF6518 has a SPI port to control the gain and filter band-
width settings. Data can be written to the internal 15-bit register
and read from the register. It is recommended that low-pass RC
filtering be placed on the SPI lines to filter out any high frequency
glitches. See Figure 90, the evaluation board schematic, for an
example of a low-pass RC filter.
ENABLE/DISABLE FUNCTION
To enable the ADRF6518, pull the ENBL pin high. Driving the
ENBL pin low disables the device, reducing current consump-
tion to approximately 1 mA at room temperature. For the
disable function to work properly, connect 10 kΩ pull-down
resistors from the signal output pins (OPP1, OPM1, OPP2,
OPM2) to ground to allow a dc path to ground for proper
discharge (see Figure 67). If the disable function is not used,
pull-down resistors are not necessary.
GAIN PIN DECOUPLING
The ADRF6518 has three analog gain control pins: VGN1,
VGN2, and VGN3. Use at least one low inductance, surface-
mount ceramic capacitor with a value of 0.1 μF to decouple
each gain control pin to ground.
PEAK DETECTOR CONNECTIONS
The ADRF6518 has a peak detector output on the VPK pin,
with a scaling of 1 V/V peak differential at filter inputs. The
bigger peak of the two channels is reported. The peak detector
time-constant can be changed with a resistor from the RAVG
pin to VPS. Leave the RAVG pin open for the longest time-
constant (hold time). The RAVG resistor range is ∞ to 1 kΩ.
To reset the peak detector, pull the SDO/RST pin high for 25 ns
or longer. Logic levels are VLOW < 0.8 V, VHIGH > 2 V.
ERROR VECTOR MAGNITUDE (EVM) PERFORMANCE
Error vector magnitude (EVM) is a measure used to quantify
the performance of a digital radio transmitter or receiver by
measuring the fidelity of the digital signal transmitted or
received. Various imperfections in the link, such as magnitude
and phase imbalance, noise, and distortion, cause the
constellation points to deviate from their ideal locations.
In general, a receiver exhibits three distinct EVM limitations
vs. received input signal power. As signal power increases, the
distortion components increase.
•
At large enough signal levels, where the distortion compo-
nents due to the harmonic nonlinearities in the device are
falling in-band, EVM degrades as signal levels increase.
•
At medium signal levels, where the signal chain behaves
in a linear manner and the signal is well above any notable
noise contributions, EVM has a tendency to reach an opti-
mal level determined dominantly by either the quadrature
accuracy and IQ gain match of the signal chain or the
precision of the test equipment.
•
As signal levels decrease, such that noise is a major con-
tributor, EVM performance vs. the signal level exhibits
a decibel-for-decibel degradation with decreasing signal
level. At these lower signal levels, where noise is the
dominant limitation, decibel EVM is directly proportional
to the SNR.
EVM TEST SETUP
The basic setup to test the EVM for the ADRF6518 consisted of
an Agilent MXG N5182B vector signal generator used as a
signal source and an Agilent DSO7104B oscilloscope used to
sample the signal while connected to a computer running Agilent
89600 vector signal analysis (VSA) software to calculate the EVM
of the signal. The I and Q outputs of the ADRF6518 were
loaded with 400 Ω differential impedances and connected
differentially to two AD8130 amplifiers to convert the signals
into single-ended signals. The single-ended signals were
connected to the input channels of the vector signal analyzer.
EVM MEASUREMENT
EVM was measured for the ADRF6518 only (the AD8130
amplifiers were used, but their EVM contribution is minimal
and do not dominate the measurement). The N5182B IQ baseband
differential outputs drove the ADRF6518 inputs through 1 µF
coupling capacitors. Large coupling capacitors are necessary to
keep the high-pass corner created by the capacitors as low as
possible and to prevent the low-pass corner from corrupting the
signal. The VICM/AC pin was grounded to enable ac coupling.
The VPI pin was connected to 3.3 V by shorting it to VPS. The
alpha of the pulse response filter was set to 0.35. The baseband
input power to the ADRF6518 was swept, and the analog gains
were adjusted to maintain a target 1.5 V p-p differential signal
level on both the I and Q outputs. The VGA1 analog gain was
adjusted to limit its output to 1.5 V p-p (0.75 V peak on the
peak detector output). The filter corner was set to 63 MHz, and
the digital gains for VGA1, VGA2, VGA3, and the postamplifier
were set to 15 dB, 21 dB, 21 dB, and 3 dB, respectively. Several
signal bandwidths, signal types, gains, and output levels were
tested, in filter mode and in filter bypass mode.
It is important to keep the high-pass corner of the output offset
compensation loop low compared to the signal bandwidth. The
lower the signal bandwidth is, the lower the user must set the
high-pass corner to ensure that the minimal amount of the
signal is not corrupted. See the Applications Information
section of the ADRF6510 and the ADRF6516 data sheets for
additional information on the effects of setting the high-pass
corner too high in frequency.
It is also important to set the filter corner appropriately for the
given signal bandwidth. The user must be careful not to set the
filter corner too low in an attempt to achieve more rejection of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com